Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products 71M6534 Datasheet HTML 87Page - Maxim Integrated Products 71M6534 Datasheet HTML 88Page - Maxim Integrated Products 71M6534 Datasheet HTML 89Page - Maxim Integrated Products 71M6534 Datasheet HTML 90Page - Maxim Integrated Products 71M6534 Datasheet HTML 91Page - Maxim Integrated Products 71M6534 Datasheet HTML 92Page - Maxim Integrated Products 71M6534 Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
89
LCD_ONLY
20A9[5]
0
0
W
Puts the 71M6533/71M6534 to sleep, but with the LCD display still active. LCD_ONLY
is ignored if system power is present. While in SLEEP mode, the device will wake up
on reset, when the autowake timer times out, when the push button is pushed, or when
system power returns.
LCD_SEG0[3:0]
LCD_SEG18[3:0]
2030[3:0]
2042[3:0]
0
0
L
L
R/W
LCD Segment Data. Each word contains information for 1 to 4 time divisions of each
segment.
In each word, bit 0 corresponds to COM0, bit 1 to COM1, bit 2 to COM2 and bit 3 to
COM3 of the first segment. Bits 4 through 7 correspond to COM0 to COM3, respectively,
of the second segment.
Care should be taken when writing to LCD_SEG locations since some of them control
DIO pins.
LCD_SEG32, LCD_SEG42, LCD_SEG48, LCD_SEG51 through LCD_SEG59, LCD_SEG62,
LCD_SEG66, and LCD_SEG72 through LCD_SEG75 are only applicable to the 71M6534.
LCD_SEG19[3:0]
LCD_SEG31[3:0]
2043[3:0]
204F[3:0]
0
0
L
L
R/W
LCD_SEG32[3:0]2050[3:0]
0
L
R/W
LCD_SEG33[3:0]
LCD_SEG41[3:0]
2051[3:0]
2059[3:0]
0
0
L
L
R/W
LCD_SEG42[3:0]2030[7:4]
0
L
R/W
LCD_SEG43[3:0]
LCD_SEG47[3:0]
2031[7:4]
2035[7:4]
0
0
L
L
R/W
LCD_SEG48[3:0]2036[7:4]
0
L
R/W
LCD_SEG49[3:0]
LCD_SEG50[3:0]
2037[7:4]
2038[7:4]
0
0
L
L
R/W
R/W
LCD_SEG51[3:0]
LCD_SEG59[3:0]
2039[7:4]
2041[7:4]
0
0
L
L
R/W
LCD_SEG61[3:0] 2043[7:4]
0
L
R/W
LCD_SEG62[3:0]2044[7:4]
0
L
R/W
LCD_SEG63[3:0]
LCD_SEG65[3:0]
2045[7:4]
2047[7:4]
0
0
L
L
R/W
LCD_SEG66[3:0]2048[7:4]
0
L
R/W
LCD_SEG67[3:0]
LCD_SEG71[3:0]
2049[7:4]
204D[7:4]
0
0
L
L
R/W
LCD_SEG72[3:0]
LCD_SEG75[3:0]
204E[7:4]
2051[7:4]
0
0
L
L
R/W


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com