Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 86 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 86 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products 71M6534 Datasheet HTML 84Page - Maxim Integrated Products 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products 71M6534 Datasheet HTML 87Page - Maxim Integrated Products 71M6534 Datasheet HTML 88Page - Maxim Integrated Products 71M6534 Datasheet HTML 89Page - Maxim Integrated Products 71M6534 Datasheet HTML 90Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
86
Rev 2
FIR_LEN[1:0]
2007[3:2]
1
1
R/W
FIR_LEN[1:0] controls the length of the ADC decimation FIR filter.
[M40MHZ, M26MHZ]
FIR_LEN[1:0] Resulting FIR
Filter Cycles
Resulting
ADC Gain
[00], [10], or [11]
00
138
0.110017
01
288
1.000
10
384
2.37037
[01]
00
186
0.113644
01
384
1.000
10
588
3.590363
FL_BANK[1:0]
FL_BANK[2:0]
SFR B6[1:0]
SFR B6[2:0]
1
1
R/W
Flash bank selection. Flash memory above 32 k is mapped to the MPU address space
from 0x8000 to 0xFFFF in 32 KB banks. When MPU address[15] = 1, the address in
flash is mapped to FL_BANK[1:0] or FL_BANK[2:0] (71M6534 only), MPU Address[14:0].
FL_BANK[] is reset by the erase cycle.
FLSH_ERASE
[7:0]
SFR 94[7:0]
0
0
W
Flash Erase Initiate. (Default = 0x00). FLSH_ERASE is used to initiate either the Flash
Mass Erase cycle or the Flash Page Erase cycle. Specific patterns are expected for
FLSH_ERASE in order to initiate the appropriate Erase cycle.
0x55 = Initiate Flash Page Erase cycle. Must be proceeded by a write to
FLSH_PGADR @ SFR 0xB7.
0xAA = Initiate Flash Mass Erase cycle. Must be proceeded by a write to
FLSH_MEEN @ SFR 0xB2 and the debug (CC) port must be enabled.
Any other pattern written to FLSH_ERASE will have no effect. The erase cycle is not
completed until 0x00 is written to FLSH_ERASE.
FLSH_MEEN
SFR B2[1]
0
0
W
Mass Erase Enable.
0 = Mass Erase disabled (default).
1 = Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
FLSH_PGADR
[5:0]
SFR B7 [7:2]
0
0
W
Flash Page Erase Address. (Default = 0x00)
FLSH_PGADR[5:0] with FL_BANK[2:0], sets the Flash Page Address (page 0 through
127) that will be erased during the Page Erase cycle.
Must be re-written for each new Page Erase cycle.
FLSH_PWE
SFR B2[0]
0
0
R/W
Program Write Enable. This bit must be cleared by the MPU after each byte write
operation. Writes to this bit are inhibited when interrupts are enabled.
0 = MOVX commands refer to XRAM Space, normal operation (default).
1 = MOVX @DPTR,A moves A to Program Space (Flash) @ DPTR.
FOVRIDE
20FD[4]
0
0
R/W Permits the values written by the MPU to temporarily override the values in the fuse
register (reserved for production test).


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz