Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 85 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 85 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 81Page - Maxim Integrated Products 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products 71M6534 Datasheet HTML 84Page - Maxim Integrated Products 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products 71M6534 Datasheet HTML 87Page - Maxim Integrated Products 71M6534 Datasheet HTML 88Page - Maxim Integrated Products 71M6534 Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
85
DIO_0[7:0]
DIO_1[7:0]
DIO_2[7:0]
DIO_3[6:0]
SFR 80
SFR 90
SFR A0
SFR B0
0
0
0
0
R/W
The value on the DIO pins. Pins configured as LCD will read zero. When written, changes
data on pins configured as outputs. Pins configured as LCD or input will ignore writes.
DIO_0[7:0] corresponds to DIO7 through DIO1 and PB (PB is read on DIO_0[0]).
DIO_1[7:0] corresponds to DIO15 through DIO8. (DIO_1[4] corresponding to
DIO12 is only applicable to the 71M6534)
DIO_2[7:0] corresponds to DIO23 through DIO16. (DIO_2[4] corresponding to
DIO22 is only applicable to the 71M6534)
DIO_3[6:0] corresponds to DIO30 through DIO24. (DIO_3[4] corresponding to
DIO28 is only applicable to the 71M6534)
DIO_EEX[1:0]
2008[7:6]
0
0
R/W
When set, converts DIO4 and DIO5 to interface with external EEPROM. DIO4 becomes
SDCK and DIO5 becomes bi-directional SDATA.
DIO_EEX[1:0]
Function
00
Disable EEPROM interface
01
2-Wire EEPROM interface
10
3-Wire EEPROM interface
11
--not used--
DIO_PV
2008[2]
0
0
R/W Causes VARPULSE to be output on DIO7.
DIO_PW
2008[3]
0
0
R/W Causes WPULSE to be output on DIO6.
DIO_PX
200F[3]
0
0
R/W Causes XPULSE to be output on DIO8.
DIO_PY
200F[2]
0
0
R/W Causes YPULSE to be output on DIO9.
EEDATA[7:0]
SFR 9E
0
0
R/W Serial EEPROM interface data.
EECTRL[7:0]
SFR 9F
0
0
R/W Serial EEPROM interface control.
ECK_DIS
2005[5]
0
0
R/W
Emulator clock disable. When ECK_DIS = 1, the emulator clock is disabled.
If ECK_DIS is set, the emulator and programming devices will be unable to
erase or program the device.
EQU[2:0]
2000[7:5]
0
0
R/W Specifies the power equation to be used by the CE.
EX_XFR
EX_RTC
EX_FWCOL
EX_PLL
2002[0]
2002[1]
2007[4]
2007[5]
0
0
0
0
0
0
0
0
R/W
Interrupt enable bits. These bits enable the XFER_BUSY, the RTC_1SEC, the
FirmWareCollision (FWCOL), and PLL interrupts. Note that if one of these interrupts is
to be enabled, its corresponding MPU EX enable must also be set. See Section 1.4.9
Interrupts for details.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz