Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 84 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 80Page - Maxim Integrated Products 71M6534 Datasheet HTML 81Page - Maxim Integrated Products 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products 71M6534 Datasheet HTML 84Page - Maxim Integrated Products 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products 71M6534 Datasheet HTML 87Page - Maxim Integrated Products 71M6534 Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
84
Rev 2
CKOUT_E
2004[4]
0
0
R/W
Control bit for the SEG19/CKOUT pin:
0: The pin is the SEG19 LCD driver
1: The pin is the CK_FIR output (5 MHz in mission mode, 32 kHz in BROWNOUT
mode)
COMPSTAT
2003[0]
--
--
R
Status bit for the V1 comparator (same as V1_OK, see TMUXOUT).
DI_RPB[2:0]
DIO_R1[2:0]
DIO_R2[2:0]
DIO_R3[6:4]
DIO_R4[2:0]
DIO_R5[2:0]
DIO_R6[2:0]
DIO_R7[2:0]
DIO_R8[2:0]
DIO_R9[2:0]
DIO_R10[2:0]
DIO_R11[2:0]
DIO_RRX[2:0]*
2009[2:0]
2009[6:4]
200A[2:0]
200A[6:4]
200B[2:0]
200B[6:4]
200C[2:0]
200C[6:4]
200D[2:0]
200D[6:4]
200E[2:0]
200E[6:4]
20AF[2:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W
Connects dedicated I/O pins DIO1 through DIO11 as well as input pins PB to internal
resources. If more than one input is connected to the same resource, the Multiple
column in the table below specifies how they are combined.
DIO_Rx[2:0]
Resource
Multiple
000
NONE
--
001
Reserved
OR
010
T0 (Counter /Timer 0 clock or gate)
OR
011
T1 (Counter /Timer 1 clock or gate)
OR
100
High priority IO interrupt (int0 rising)
OR
101
Low priority IO interrupt (int1 rising)
OR
110
High priority IO interrupt (int0 falling)
OR
111
Low priority IO interrupt (int1 falling)
OR
*DIO_RRX applies to the RX pin.
DIO_DIR0[7:1]
SFR A2[7:1]
0
R/W
Programs the direction of pins DIO7 through DIO1. Writing a 1 indicates an output. A bit
is ignored if the corresponding pin is not configured as DIO. See DIO_PV and DIO_PW
for special options for DIO6 and DIO7. See DIO_EEX[1:0] for special options for DIO4
and DIO5.
DIO_DIR1[7:5,
3:0],
DIO_DIR1[4]
SFR 91
0
R/W
Programs the direction of pins DIO15 through DIO8. Writing a 1 indicates an output.
A bit is ignored if the corresponding pin is not configured as DIO. See DIO_PX and
DIO_PY for special options for the DIO8 and DIO9 outputs.
DIO_DIR1[4] controlling DIO12 is only applicable to the 71M6534.
DIO_DIR2[7,5:0]
DIO_DIR2[6]
SFR A1
0
R/W
Programs the direction of pins DIO23 through DIO16. Writing a 1 indicates an output.
A bit is ignored if the corresponding pin is not configured as a DIO.
DIO_DIR2[6] controlling DIO22 is only applicable to the 71M6534.
DIO_56
DIO_57
DIO_58
2052[4]
2053[4]
2054[4]
0
0
0
R/W
The value on DIO pins 56 through 58. The MPU writes data to these registers to change
the data on these pins.
DIO_DIR56
DIO_DIR57
DIO_DIR58
2052[7]
2053[7]
2054[7]
0
0
0
R/W Programs the direction of DIO pins 56 through 58. Writing a 1 indicates an output.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn