Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 83 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 79Page - Maxim Integrated Products 71M6534 Datasheet HTML 80Page - Maxim Integrated Products 71M6534 Datasheet HTML 81Page - Maxim Integrated Products 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products 71M6534 Datasheet HTML 84Page - Maxim Integrated Products 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products 71M6534 Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
83
5.2 I/O RAM Description – Alphabetical Order
The following conventions apply to the descriptions in this table:
Bits with a W (write) direction are written by the MPU into configuration RAM. Typically, they are initially stored in flash memory and copied to
the configuration RAM by the MPU. Some of the more frequently programmed bits are mapped to the MPU SFR memory space. The remaining
bits are mapped to 2xxx.
Bits with an R (read) direction can be read by the MPU.
Columns labeled Reset and Wake describe the bit values upon reset and wake, respectively. “NV” in the Wake column means the bit is powered
by the nonvolatile supply and is not initialized. LCD-related registers labeled “L” retain data upon transition from LCD mode to BROWNOUT
mode and vice versa, but do not retain data in SLEEP mode. “–“ means that the value is undefined.
Write-only bits will return zero when they are read.
Bits marked with an asterisk (e.g. DIO_DIR1[4]) are applicable to the 71M6534 only.
Table 54: I/O RAM Description – Alphabetical (by Bit Name)
Name
Location
Reset Wake
Dir
Description
ADC_E
2005[3]
0
0
R/W Enables ADC and VREF. When disabled, removes bias current.
BME
2020[6]
0
R/W
Battery Measure Enable. When set, a load current is immediately applied to the battery
and it is connected to the ADC to be measured on Alternative Mux Cycles. See the
MUX_ALT bit.
BOOT_SIZE[7:0] 20A7[7:0]
01
01
R/W End of space reserved for boot program. The ending address of the boot region is
1024*BOOT_SIZE.
CE10MHZ
2000[3]
0
0
R/W CE clock select. When set, the CE is clocked at 10 MHz. Otherwise, the CE clock
frequency is 5 MHz.
CE_E
2000[4]
0
0
R/W CE enable.
CE_LCTN[7:0]
20A8[7:0]
0x31
0x31
R/W CE program location. The starting address for the CE program is 1024*CE_LCTN.
CHOP_E[1:0]
2002[5:4]
00
00
R/W
Chop enable for the reference bandgap circuit. The value of CHOP will change on the
rising edge of MUXSYNC according to the value in CHOP_E:
00 = toggle, except at the mux sync edge at the end of SUMCYCLE, an alternative
MUX frame is automatically inserted at the end of each accumulation interval.
01 = positive.
10 = reversed.
11 = toggle, no alternative MUX frame is inserted
CHOP_I_EN
20AB[0]
0
0
R/W When CHOP_I_EN is set, chop mode for the analog current inputs can be enabled
with the CHOP_IA, CHOP_IB, CHOP_IC, and CHOP_ID bits.
CHOP_IA
CHOP_IB
CHOP_IC
CHOP_ID
20AC[0]
20AC[4]
20AD[0]
20AD[4]
0
0
0
0
0
0
0
0
R/W When CHOP_I_EN is set, these bits enable chop mode for the respective channel.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz