Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 82 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 78Page - Maxim Integrated Products 71M6534 Datasheet HTML 79Page - Maxim Integrated Products 71M6534 Datasheet HTML 80Page - Maxim Integrated Products 71M6534 Datasheet HTML 81Page - Maxim Integrated Products 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products 71M6534 Datasheet HTML 84Page - Maxim Integrated Products 71M6534 Datasheet HTML 85Page - Maxim Integrated Products 71M6534 Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
82
Rev 2
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Interface:
SPI…
2070
SPE
U
U
U
U
U
U
U
SP_CMD
2071
SP_CMD[7:0]
SP_ADH
2072
SP_ADDR[15:8]
SP_ADL
2073
SP_ADDR[7:0]
Pulse Generator:
PLS_W
2080
PLS_MAXWIDTH[7:0]
PLS_I
2081
PLS_INTERVAL[7:0]
ADC Mux:
SLOT0
2090
SLOT1_SEL[3:0]
SLOT0_SEL[3:0]
SLOT1
2091
SLOT3_SEL[3:0]
SLOT2_SEL[3:0]
SLOT2
2092
SLOT5_SEL[3:0]
SLOT4_SEL[3:0]
SLOT3
2093
SLOT7_SEL[3:0]
SLOT6_SEL[3:0]
SLOT4
2094
SLOT9_SEL[3:0]
SLOT8_SEL[3:0]
SLOT5
2096
SLOT1_ALTSEL[3:0]
SLOT0_ALTSEL[3:0]
SLOT6
2097
SLOT3_ALTSEL[3:0]
SLOT2_ALTSEL[3:0]
SLOT7
2098
SLOT5_ALTSEL[3:0]
SLOT4_ALTSEL[3:0]
SLOT8
2099
SLOT7_ALTSEL[3:0]
SLOT6_ALTSEL[3:0]
SLOT9
209A
SLOT9_ALTSEL[3:0]
SLOT8_ALTSEL[3:0]
SPI Interrupt:
SPI0
20B0
U
U
U
IEN_SPI
U
U
U
IEN_WD_
NROVF
SPI1
20B1
U
U
U
SPI_FLAG
U
U
U
WD_NROVF_
FLAG
General-Purpose and Non Volatile Registers:
GP0
20C0
GP0[7:0]
GP7
20C7
GP7[7:0]
VERSION 20C8
VERSION[7:0]
Serial EEPROM:
EEDATA
SFR 9E
EEDATA[7:0]
EECTRL
SFR 9F
EECTRL[7:0]
† 71M6534 only


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz