Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 81 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6534 Datasheet(HTML) 81 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 81 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
81
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RTC0
2015
U
U
RTC_SEC[5:0]
RTC1
2016
U
U
RTC_MIN[5:0]
RTC2
2017
U
U
U
RTC_HR[4:0]
RTC3
2018
U
U
U
U
U
RTC_DAY[2:0]
RTC4
2019
U
U
U
RTC_DATE[2:0]
RTC5
201A
U
U
U
U
RTC_MO[3:0]
RTC6
201B
RTC_YR[7:0]
RTCADJ_H 201C
U
U
U
U
U
PREG[16:14]
RTCADJ_M 201D
PREG[13:6]
RTCADJ_L 201E
PREG[5:0]
QREG[1:0]
WE
201F
RTC write protect register (write data is discarded)
LCD Display Interface:
LCDX
2020
MUX_SYNC_E
BME
R (0)
R (0)
U
U
U
U
LCDY
2021
U
LCD_Y
LCD_E
LCD_MODE[2:0]
LCD_CLK[1:0]
LCD_MAP0 2023
See the detailed description for LCD_BITMAP[ ] in Table 54: I/O RAM Description – Alphabetical
LCD_MAP5 2028
LCD_MAP62029
LCD0
2030
See the detailed description for LCD_SEG[ ] in Table 54: I/O RAM Description – Alphabetical
LCD41
2059
LCD_BLNK 205A
LCD_BLKMAP19[3:0]
LCD_BLKMAP18[3:0]
Area Reserved for Factory Test:
RTM0H
2060
U
RTM0[9:8]
RTM0L
2061
RTM0[7:0]
RTM1H
2062
U
RTM1[9:8]
RTM1L
2063
RTM1[7:0]
RTM2H
2064
U
RTM2[9:8]
RTM2L
2065
RTM2[7:0]
RTM3H
2066
U
RTM3[9:8]
RTM3L
2067
RTM3[7:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn