Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 75Page - Maxim Integrated Products 71M6534 Datasheet HTML 76Page - Maxim Integrated Products 71M6534 Datasheet HTML 77Page - Maxim Integrated Products 71M6534 Datasheet HTML 78Page - Maxim Integrated Products 71M6534 Datasheet HTML 79Page - Maxim Integrated Products 71M6534 Datasheet HTML 80Page - Maxim Integrated Products 71M6534 Datasheet HTML 81Page - Maxim Integrated Products 71M6534 Datasheet HTML 82Page - Maxim Integrated Products 71M6534 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
79
5 Firmware Interface
5.1 I/O RAM and SFR Map –Functional Order
In Table 53, unimplemented (U) and reserved (R) bits are shaded in light gray. Unimplemented bits have no memory storage, writing them has no
effect, and reading them always returns zero. Reserved bits may be in use and should not be changed from the values given in parentheses.
Writing values other than those shown in parenthesis to reserved bits may have undesirable side effects and must be avoided.
Non-volatile bits are shaded in dark gray. Non-volatile bits are backed-up during power failures if the system includes a battery connected to the
VBAT pin.
This table lists only the SFR registers that are not generic 8051 SFR registers. Bits marked with † (e.g. UMUX_E) apply to the 71M6534 only.
Table 53: I/O RAM Map – Functional Order
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration:
CE0
2000
EQU[2:0]
CE_E
CE10MHZ
U
CE1
2001
PRE_SAMPS[1:0]
SUM_CYCLES[5:0]
CE2
2002
U
CHOP_E[1:0]
RTM_E
WD_OVF
EX_RTC
EX_XFR
COMP0
2003
U
PLL_OK
U
U
U
U
U
COMPSTAT
CONFIG0 2004
VREF_CAL
PLS_INV
U
CKOUT_E
VREF_DIS
MPU_DIV[2:0]
CONFIG1 2005
R (0)
R(0)
ECK_DIS
M26MHZ
ADC_E
MUX_ALT
U
M40MHZ
VERSION 2006
VERSION[7:0]
CONFIG2 2007
OPT_TXE[1:0]
EX_PLL
EX_FWCOL
FIR_LEN[1:0]
OPT_FDC[1:0]
CE3
209D
U
U
U
U
MUX_DIV[3:0]
CE4
20A7
BOOT_SIZE[7:0]
CE5
20A8
CE_LCTN[7:0]
WAKE
20A9
WAKE_ARM
SLEEP
LCD_ONLY
U
WAKE_RES
WAKE_PRD[2:0]
TMUX
20AA
U
U
U
TMUX[4:0]
ANACTRL 20AB
R (0000)
LCD_DAC[2:0]
CHOP_I_EN
CONFIG3 20AC
U
U
SEL_IBN
CHOP_IB
U
U
SEL_IAN
CHOP_IA
CONFIG4 20AD
U
U
SEL_IDN
CHOP_ID
U
U
SEL_ICN
CHOP_IC
Interrupts and WD Timer:
INTBITS
SFR F8
WD_RST
INT6
INT5
INT4
INT3
INT2
INT1
INT0
IFLAGS
SFR E8
IE_PLLFALL
IE_PLLRISE
IE_WAKE
IE_PB
IE_FWCOL1
IE_FWCOL0
IE_RTC
IE_XFER


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz