Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 77 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 73Page - Maxim Integrated Products 71M6534 Datasheet HTML 74Page - Maxim Integrated Products 71M6534 Datasheet HTML 75Page - Maxim Integrated Products 71M6534 Datasheet HTML 76Page - Maxim Integrated Products 71M6534 Datasheet HTML 77Page - Maxim Integrated Products 71M6534 Datasheet HTML 78Page - Maxim Integrated Products 71M6534 Datasheet HTML 79Page - Maxim Integrated Products 71M6534 Datasheet HTML 80Page - Maxim Integrated Products 71M6534 Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
77
Figure 44: Connecting a Battery
Meters equipped with batteries need to contain code that transitions the chip to SLEEP mode as
soon as the battery is attached in production. Otherwise, remaining in BROWNOUT mode would
add unnecessary drain to the battery.
4.11 Flash Programming
Operational or test code can be programmed into the flash memory using either an in-circuit emulator or
the Flash Programmer Module (TFP-2). The flash programming procedure uses the E_RST, E_RXTX,
and E_TCLK pins. The FL_BANK[2:0] field must be set to the value corresponding to the bank that is
being programmed.
4.12 MPU Firmware Library
All application-specific MPU functions mentioned in Section 3 Application Information are featured in the
Teridian demonstration source code. The code is available as part of the Demonstration Kit for the
71M6533/71M6534. The Demonstration Kits come with the 71M6533/71M6534 preprogrammed with demo
firmware and mounted on a functional sample meter Demo Board. The Demo Boards allow for quick and
efficient evaluation of the IC without having to write firmware or having to supply an in-circuit emulator
(ICE).
4.13 Crystal Oscillator
The oscillator drives a standard 32.768 kHz watch crystal. The oscillator has been designed specifically
to handle these crystals and is compatible with their high impedance and limited power handling capability.
The oscillator power dissipation is very low to maximize the lifetime of any battery backup device attached
to VBAT.
Board layouts with minimum capacitance from XIN to XOUT will require less battery current. Good
layouts will have XIN and XOUT shielded from each other.
For best rejection of electromagnetic interference, connect the crystal body and the ground
terminals of the two crystal capacitors to GNDD through a ferrite bead. No external resistor
should be connected across the crystal, since the oscillator is self-biasing.
71M6533/6534
V3P3A
DIO
Power
Supply
V3P3SYS
VBAT
Battery or
Super-Cap
+
-


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz