Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 76 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6534 Datasheet(HTML) 76 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
76
Rev 2
Figure 42: External Components for the RESET Pin: Push-Button (Left), Production Circuit (Right)
4.9 Connecting the Emulator Port Pins
Even when the emulator is not used, small shunt capacitors to ground (22 pF) should be used for protection
from EMI as illustrated in Figure 43. Production boards should have the ICE_E pin connected to ground
via a resistor of around 200 Ω.
The 71M6534 is capable of supporting a trace emulator. To connect this non-standard emulator, the pins
E_TBUS0 (SEG51) – E_TBUS3 (SEG54) and E_ISYNC (SEG55) have to be brought out to the emulator
interface.
Figure 43: External Components for the Emulator Interface
4.10 Connecting a Battery
It is important that a valid voltage is connected to the VBAT pin at all times. For meters without a battery,
VBAT should be connected directly to V3P3SYS. Designs for meters with batteries need to ensure that
the meter functions even when the battery voltage decreases below the specified voltage for VBAT. This
can be achieved by connecting a diode from V3P3SYS to VBAT. However, the battery test will yield
inaccurate results if that technique is used, since the voltage at V3P3SYS will feed current to the VBAT pin.
A better solution is shown in Figure 44. During the battery test, a DIO pin is activated as an output and
applies a low voltage to the anode of the diode. This prevents the voltage at the power supply to influence
the voltage at the VBAT pin.
E_RST
71M6533/71M6534
E_TCLK
62 Ω
62 Ω
62 Ω
22 pF
22 pF
22 pF
LCD Segments
ICE_E
V3P3D
E_RXT
(optional)
R1
RESET
71M6533/
71M6534
GNDD
V3P3D
R2
VBAT/
V3P3D
Reset
Switch
1k?
0.1µF
10k?
71M6533/
71M6534


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn