Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 74 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 70Page - Maxim Integrated Products 71M6534 Datasheet HTML 71Page - Maxim Integrated Products 71M6534 Datasheet HTML 72Page - Maxim Integrated Products 71M6534 Datasheet HTML 73Page - Maxim Integrated Products 71M6534 Datasheet HTML 74Page - Maxim Integrated Products 71M6534 Datasheet HTML 75Page - Maxim Integrated Products 71M6534 Datasheet HTML 76Page - Maxim Integrated Products 71M6534 Datasheet HTML 77Page - Maxim Integrated Products 71M6534 Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
74
Rev 2
Figure 38: Three-Wire EEPROM Connection
4.5 UART0 (TX/RX)
The UART0 RX pin should be pulled down by a 10 kΩ resistor and additionally protected by a 100 pF ceramic
capacitor, as shown in Figure 39.
Figure 39: Connections for UART0
4.6 Optical Interface (UART1)
The OPT_TX and OPT_RX pins can be used for a regular serial interface (by connecting a RS_232
transceiver for example), or they can be used to directly operate optical components (for example, an
infrared diode and phototransistor implementing a FLAG interface). Figure 40 shows the basic connections
for UART1. The OPT_TX pin becomes active when the OPT_TXE[1:0] I/O RAM field is set to 00.
The polarity of the OPT_TX and OPT_RX pins can be inverted with the configuration bits, OPT_TXINV
and OPT_RXINV, respectively.
The OPT_TX output may be modulated at 38 kHz when system power is present. Modulation is not
available in BROWNOUT mode. The OPT_TXMOD bit enables modulation. The duty cycle is controlled
by OPT_FDC[1:0], which can select 50%, 25%, 12.5%, and 6.25% duty cycle. A 6.25% duty cycle means
OPT_TX is low for 6.25% of the period. The OPT_RX pin uses digital signal thresholds and may need an
analog filter when receiving modulated optical signals.
With modulation, an optical emitter can be operated at higher current than nominal, enabling it to
increase the distance along the optical path.
If operation in BROWNOUT mode is desired, the external components should be connected to V3P3D.
TX
RX
71M6533/71M6534
10 kΩ
100 pF
RX
TX
EEPROM
100 kΩ
DIO4
DIO5
CLK
DI
V3P3D
100 kΩ
CS
DIOn
DO
10 kΩ
VCC
71M6533/71M6534


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz