Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 73 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 73 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 69Page - Maxim Integrated Products 71M6534 Datasheet HTML 70Page - Maxim Integrated Products 71M6534 Datasheet HTML 71Page - Maxim Integrated Products 71M6534 Datasheet HTML 72Page - Maxim Integrated Products 71M6534 Datasheet HTML 73Page - Maxim Integrated Products 71M6534 Datasheet HTML 74Page - Maxim Integrated Products 71M6534 Datasheet HTML 75Page - Maxim Integrated Products 71M6534 Datasheet HTML 76Page - Maxim Integrated Products 71M6534 Datasheet HTML 77Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
73
Figure 36: Connecting LCDs
4.3 Connecting I2C EEPROMs
I2C EEPROMs or other I2C compatible devices should be connected to the DIO pins DIO4 and DIO5, as
shown in Figure 37.
Pull-up resistors of roughly 10 kΩ to V3P3D (to ensure operation in BROWNOUT mode) should be used
for both SCL and SDA signals. The DIO_EEX[1:0] register in I/O RAM must be set to 1 in order to convert
the DIO pins DIO4 and DIO5 to I2C pins SCL and SDA.
Figure 37: I2C EEPROM Connection
4.4 Connecting Three-Wire EEPROMs
µWire EEPROMs and other compatible devices should be connected to the DIO pins DIO4 and DIO5, as
shown in Figure 38 and described below:
DIO5 connects to both the DI and DO pins of the three-wire device.
The CS pin must be connected to a vacant DIO pin of the 71M6533/71M6534.
In order to prevent bus contention, a 10 kΩ to resistor is used to separate the DI and DO signals.
The CS and CLK pins should be pulled down with a resistor to prevent operation of the three-wire
device on power-up, before the 71M6533/71M6534 can establish a stable signal for CS and CLK.
The DIO_EEX[1:0] field in I/O RAM must be set to 2 in order to convert the DIO pins DIO4 and DIO5
to µWire pins.
The µ-Wire EEPROM interface is only functional when MPU_DIV[2:0] = 000.
DIO4
DIO5
EEPROM
SCL
SDA
V3P3D
10 kΩ
10 kΩ
segments
LCD
commons
71M6533/71M6534
71M6533/71M6534


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz