Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 71 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 67Page - Maxim Integrated Products 71M6534 Datasheet HTML 68Page - Maxim Integrated Products 71M6534 Datasheet HTML 69Page - Maxim Integrated Products 71M6534 Datasheet HTML 70Page - Maxim Integrated Products 71M6534 Datasheet HTML 71Page - Maxim Integrated Products 71M6534 Datasheet HTML 72Page - Maxim Integrated Products 71M6534 Datasheet HTML 73Page - Maxim Integrated Products 71M6534 Datasheet HTML 74Page - Maxim Integrated Products 71M6534 Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
71
Figure 34: Error Band for VREF over Temperature (Regular-Accuracy Parts)
Figure 35: Error Band for VREF over Temperature (High-Accuracy Parts)
4.1.1 Temperature Compensation for VREF
The bandgap temperature is used to digitally compensate the power outputs for the temperature dependence
of VREF, using the CE register GAIN_ADJ (internal temperature compensation). Since the band gap amplifier
is chopper-stabilized via the CHOP_E[1:0] field, the most significant long-term drift mechanism in the voltage
reference is removed.
In internal temperature compensation mode, the CE applies the following formula to determine the GAIN_ADJ
value. In this formula TEMP_X is the deviation from nominal or calibration temperature expressed in multiples
of 0.1 °C:
23
2
14
2
2
_
2
_
16385
_
PPMC
X
TEMP
PPMC
X
TEMP
ADJ
GAIN
+
+
=
-2800
-2400
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
2400
2800
-40
-20
0
20
40
60
80
Error Band (PPM) over Temperature (°C)
±40 PPM/°C
±40 PPM/°C
-1200
-800
-400
0
400
800
1200
-40
-20
0
20
40
60
80
Error Band (PPM) over Temperature (°C)
±15 PPM/°C
±15 PPM/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn