Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 70 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 66Page - Maxim Integrated Products 71M6534 Datasheet HTML 67Page - Maxim Integrated Products 71M6534 Datasheet HTML 68Page - Maxim Integrated Products 71M6534 Datasheet HTML 69Page - Maxim Integrated Products 71M6534 Datasheet HTML 70Page - Maxim Integrated Products 71M6534 Datasheet HTML 71Page - Maxim Integrated Products 71M6534 Datasheet HTML 72Page - Maxim Integrated Products 71M6534 Datasheet HTML 73Page - Maxim Integrated Products 71M6534 Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
70
Rev 2
Since TC1 and TC2 are given in µV/°C and µV/°C2, respectively, the value of the VREF voltage
(1.195V) has to be taken into account when transitioning to PPM/°C and PPM/°C2. This means
that PPMC = 26.84*TC1/1.195 and PPMC2 = 1374*TC2/1.195).
Close examination of the electrical specification (see Table 51) for the parts with regular accuracy reveals
that the achievable deviation is not strictly ±40 PPM/°C over the whole temperature range: Only for
temperatures for which T-22 > 40 (i.e. T > 62°C) or for which T-22 < -40 (i.e. T < -18°C), the data sheet
states ±40 PPM/°C. For temperatures between -18°C and +62°C, the error should be considered
constant at ±1,600 PPM, or ±0.16%.
Similar considerations apply to the high-accuracy parts (see Table 52), where the error around the
calibration temperature should be considered constant at ±600 PPM, or ±0.06%.
Parameter
Condition
Min
Typ
VREF(T) deviation from VNOM(T)
)
40
,
22
max(
10
)
(
)
(
)
(
6
T
T
VNOM
T
VNOM
T
VREF
-40
+40
PPM/ºC
Table 51: VREF Definition for the Regular Accuracy Parts
Parameter
Condition
Min
Typ
4
VREF(T) deviation from
VNOM(T)
)
40
,
22
max(
10
)
(
)
(
)
(
6
T
T
VNOM
T
VNOM
T
VREF
-15
+15
PPM/ºC
Table 52: VREF Definition for the High-Accuracy Parts
Figure 34 and Figure 35 show this concept graphically. The “box” from -18°C to +62°C reflects the fact
that it is impractical to measure the temperature coefficient of high-quality references at small temperature
excursions. For example, at +25°C, the expected error would be ±3°C * 40 PPM/°C, or just 0.012% for the
regular-accuracy parts..
The maximum deviation of ±2520 PPM (or 0.252%) for the regular-accuracy parts is reached at the
temperature extremes. If the reference voltage is used to measure both voltage and current, the identical
errors of ±0.252% add up to a maximum Wh registration error of ±0.504%.
The maximum deviation of ±945 PPM (or 0.0945%) for the high-accuracy parts is reached at the
temperature extremes. If the reference voltage is used to measure both voltage and current, the identical
errors of ±0.0945% add up to a maximum Wh registration error of ±0.189%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn