Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 69 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 65Page - Maxim Integrated Products 71M6534 Datasheet HTML 66Page - Maxim Integrated Products 71M6534 Datasheet HTML 67Page - Maxim Integrated Products 71M6534 Datasheet HTML 68Page - Maxim Integrated Products 71M6534 Datasheet HTML 69Page - Maxim Integrated Products 71M6534 Datasheet HTML 70Page - Maxim Integrated Products 71M6534 Datasheet HTML 71Page - Maxim Integrated Products 71M6534 Datasheet HTML 72Page - Maxim Integrated Products 71M6534 Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
69
correction coefficients PPM1 and PPMC2 per the formulae given in Section 6.4.15 VREF. See Section 3.5
Temperature Compensation for additional details.
The fuse TRIMBGB is non-zero for the high-accuracy parts and zero for the regular parts. Only partial trim
fuse information is available for the regular parts. The values for PPMC and PPMC2 that are used by the
CE to implement temperature compensation are calculated as follows:
PPMC = TC1 * 22.46 = (52.46 - TRIMT) * 3.18 * 22.46 = (52.46 - TRIMT) * 71.423
PPMC2 = TC2 * 1150.1 = –0.444 * 1150.1 = -510.6
The factor TRIMT used to calculate PPMC is derived from the trim fuse TRIMT[7:0].
3.3 Connecting 5 V Devices
All digital input pins of the 71M6533/71M6534 are compatible with external 5 V devices. I/O pins configured
as inputs do not require current-limiting resistors when they are connected to external 5 V devices.
3.4 Temperature Measurement
Measurement of absolute temperature uses the on-chip temperature sensor and applying the following
formula:
n
n
n
T
S
N
T
N
T
+
=
)
)
(
(
In the above formula T is the temperature in °C, N(T) is the ADC count at temperature T, Nn is the ADC
count at 25°C, Sn is the sensitivity in LSB/°C as stated in the Electrical Specifications, and Tn is +25 °C.
It is recommended that temperature measurements be based on TEMP_RAW_X which is the sum of two
consecutive temperature readings, thus being higher by a factor of two than the raw sensor readings.
Example: At 25°C a temperature sensor value of 483,203,000 (Nn) is read by the ADC. At an unknown
temperature T the value 449.648.000 is read at (N(T)). We determine the absolute temperature by dividing
the difference of Nn and N(T) by 512 times the slope factor (-1180). After this, we add the 25 °C from the
reference measurement:
C
C
T
5
.
80
25
)
1180
(
512
0
483,203,00
-
0
449.648.00
=
+
=
The divisor 512 accounts for the 8-bit shift of the ADC value and for the factor of 2 introduced into the
measurement by the CE which adds two consecutive temperature readings.
3.5 Temperature Compensation
In a typical application, the CE compensates for the temperature dependency of the reference voltage
(see Section 4.1.1). System-wide temperature correction over the entire meter is possible by involving
the MPU. The thermal coefficients processed by the MPU may include the current sensors, the voltage
sensors, and other influences.
3.5.1 Temperature Coefficients
For the 71M6533 and 71M6534 (regular accuracy parts), the temperature coefficient TC2 is given as a
constant that represent typical component behavior (in µV/°C2). TC1 can be calculated for the individual
chip from the contents of the TRIMT[7:0] I/O RAM register. TC1 and TC2 allow compensation for variations
of the reference voltage to within ±40 PPM/°C.
For the high-accuracy parts, individualized coefficients TC1 and TC2 can be retrieved from the on-chip
fuses via TRIMBGA, TRIMBGB, TRIMM[2:0] (see Section 3.2 Distinction between 71M6533/71M6534 and
71M6533G/H/71M6534H Parts). For this part, TC1 and TC2 allow compensation for variations of the
reference voltage to within ±15 PPM/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn