Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 66 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 66 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 62Page - Maxim Integrated Products 71M6534 Datasheet HTML 63Page - Maxim Integrated Products 71M6534 Datasheet HTML 64Page - Maxim Integrated Products 71M6534 Datasheet HTML 65Page - Maxim Integrated Products 71M6534 Datasheet HTML 66Page - Maxim Integrated Products 71M6534 Datasheet HTML 67Page - Maxim Integrated Products 71M6534 Datasheet HTML 68Page - Maxim Integrated Products 71M6534 Datasheet HTML 69Page - Maxim Integrated Products 71M6534 Datasheet HTML 70Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
66
Rev 2
Figure 28: Wake Up Timing
2.5.2 Wake on Timer
If the part is in SLEEP or LCD mode, it can be awakened by the wake-up timer. Until this timer times out,
the MPU is in reset due to WAKE being low. When the wake-up timer times out, the WAKE signal rises
and within three CK32 cycles, the MPU begins to execute. The MPU can determine whether the timer
woke it by checking the AUTOWAKE interrupt flag (IE_WAKE).
The wake-up timer begins timing when the part enters LCD or SLEEP mode. Its duration is controlled by
WAKE_PRD[2:0] and WAKE_RES. WAKE_RES selects a timer LSB of either 1 minute (WAKE_RES = 1) or
2.5 seconds (WAKE_RES = 0). WAKE_PRD[2:0] selects a duration of from 1 to 7 LSBs.
The timer is armed by WAKE_ARM = 1. It must be armed at least three RTC cycles before SLEEP or
LCD_ONLY is initiated. Setting WAKE_ARM presets the timer with the values in WAKE_RES and WAKE_PRD
and readies the timer to start when the processor writes to the SLEEP or LCD_ONLY bits. The timer is
reset and disarmed whenever the processor is awake. Thus, if it is desired to wake the MPU periodically
(every 5 seconds, for example) the timer must be rearmed every time the MPU is awakened.
2.6 Data Flow
The data flow between the Compute Engine (CE) and the MPU is shown in Figure 29. In a typical application,
the 32-bit CE sequentially processes the samples from the voltage inputs on pins IA, VA, IB, and VB,
performing calculations to measure active power (Wh), reactive power (VARh), A2h, and V2h for four-quadrant
metering. These measurements are then accessed by the MPU, processed further and output using the
peripheral devices available to the MPU. Figure 29 illustrates the CE/MPU data flow.
Figure 29: MPU/CE Data Flow
time
System
Power
(V3P3SYS)
MPU Mode
PLL_OK
15 CK32
cycles
WAKE
LCD
PB or wake-
up timer
BROWNOUT
CE
MPU
Pre
-
Processor
Post
-
Processor
IRQ
Processed
Metering
Data
Pulses
I/O RAM (Configuration RAM)
Samples
Data


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com