Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164405ATL-50 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3164405ATL-50
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405ATL-50 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3164405ATL-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405ATL-50 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Semiconductor Group
7
HYB3164(5)405AJ/AT(L)-40/-50/-60
16M x 4-DRAM
Absolute Maximum Ratings
Operating temperature range..............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V
Power supply voltage....................................................................................................-0.5V to 4.6 V
Power dissipation......................................................................................................................1.0 W
Data out current (short circuit)..................................................................................................50 mA
Note
Stresses above those listed under „Absolute Maximum Ratings“ may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may effect device
reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit Note
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.3
V
1)
Input low voltage
V
IL
– 0.3
0.8
V
1)
Output high voltage (LVTTL)
Output „H“ level voltage (Iout = -2mA)
V
OH
2.4
V
Output low voltage (LVTTL)
Output „L“level voltage (Iout = +2mA)
V
OL
0.4
V
Output high voltage (LVCMOS)
Output „H“ level voltage (Iout = -100uA)
V
OH
Vcc-0.2 -
V
Ouput low voltage (LVCMOS)
Output „L“ level voltage (Iout = +100uA)
V
OL
-
0.2
V
Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
I
I(L)
– 2
2
µA
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
I
O(L)
– 2
2
µA


Similar Part No. - HYB3164405ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-40 SIEMENS-HYB3164405BJ-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-50 SIEMENS-HYB3164405BJ-50 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ-60 SIEMENS-HYB3164405BJ-60 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405BT-40 SIEMENS-HYB3164405BT-40 Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com