Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L252010100M Datasheet(PDF) 3 Page - Superworld Electronics

Part # L252010100M
Description  FERRITE CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L252010100M Datasheet(HTML) 3 Page - Superworld Electronics

  L252010100M Datasheet HTML 1Page - Superworld Electronics L252010100M Datasheet HTML 2Page - Superworld Electronics L252010100M Datasheet HTML 3Page - Superworld Electronics L252010100M Datasheet HTML 4Page - Superworld Electronics L252010100M Datasheet HTML 5Page - Superworld Electronics L252010100M Datasheet HTML 6Page - Superworld Electronics L252010100M Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
13.10.2011
FERRITE CHIP INDUCTORS
L201610 SERIES
7. RELIABILITY & TEST CONDITION :
Bending
40(1.575)
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
Flexture Strength
100(3.937)
45(1.772)
right conditions.
45(1.772)
20(.787)
Solder a chip on a test substrate, bend the substrate
by 2mm (0.079in) and return.
TEST CONDITION
PERFORMANCE
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
More than 95% of the terminal electrode
Refer to standard electrical characteristics list
10±0.5
seconds
60
seconds
Terminal Strength
Solderability
right conditions.
W
should be covered with solder.
60
seconds
Preheating
245°C
150°C
4¡À1.0
seconds
cooling
Dipping
Natural
Solder Heat Resistance
Temperature Rise Test
Operating Temperature
DC Resistance
Inductance
Storage Temperature
Preheating
40°C max. ( t)
260°C
150°C
Dipping
cooling
Natural
Solder : Sn-Cu0.5
Flux for lead free : ROL0
Dip Time : 4±1sec.
Preheat : 150°C, 60sec.
Solder Temperature : 245±5°C
2. Temperature measured by digital surface thermometer.
Flux for lead free : ROL0
Dip Time : 10±0.5sec.
Preheat : 150°C, 60sec.
Solder : Sn-Cu0.5
Solder Temperature : 260±5°C
1. Applied the allowed DC current.
HP4291, HP E4991+HP4287 +HP16192
HP4338
No mechanical damage
Remaining terminal electrode : 75% min.
ITEM
1.0
L201610
Size
Force (Kfg)
Time (sec)
-40~+105°C (Including self-temperature rise)
-40~+105°C
Rated Current
Appearance: No significant abnormality.
Inductance change: Within ± 10%.
Long storage conditions, please see the aplication notice
DC Power Supply, over rated current ,there will be some risk
> 30
The duration of the applied forces shall be 60(+5) Sec


Similar Part No. - L252010100M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L252010100M SUPERWORLD-L252010100M Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L252010100M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
L2_SERIES SUPERWORLD-L2_SERIES Datasheet
266Kb / 7P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com