Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS252010U1R5Y Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS252010U1R5Y
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252010U1R5Y Datasheet(HTML) 2 Page - Superworld Electronics

  SPS252010U1R5Y Datasheet HTML 1Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 2Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 3Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 4Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 5Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 6Page - Superworld Electronics SPS252010U1R5Y Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD POWER INDUCTOR
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.09.2011
6. ELECTRICAL CHARACTERISTICS :
10
SPS252010U1R0Y
Part Number
1.5
6.8
3.3
4.7
2.2
1.0
Inductance
( µH )
0.50
0.820
DCR
±30%
0.390
0.520
0.180
0.256
±20%
(
)
0.112
0.086
Isat
0.70
0.60
1.10
1.00
1.40
1.70
Typ.
( A )
7. CHARACTERISTIC CURVES :
SPS252010U1R5Y
SPS252010U2R2M
SPS252010U3R3M
SPS252010U4R7M
SPS252010U6R8M
SPS252010U100M
Frequency
0.1V/1M
( Hz )
Test
Tolerance
( % )
1.40
0.80
1.10
0.90
1.70
2.20
Typ.
( A )
2.60
Isat
±30%
±20%
±20%
±20%
±20%
±20%
0.1V/1M
0.1V/1M
0.1V/1M
0.1V/1M
0.1V/1M
0.1V/1M
SPS252010U SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD
SPS252010U1R0Y
SPS252010U1R5Y


Similar Part No. - SPS252010U1R5Y

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252010C100MF SUPERWORLD-SPS252010C100MF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C150MF SUPERWORLD-SPS252010C150MF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C1R0YF SUPERWORLD-SPS252010C1R0YF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C1R5YF SUPERWORLD-SPS252010C1R5YF Datasheet
433Kb / 9P
   SMD Power Inductors
SPS252010C220MF SUPERWORLD-SPS252010C220MF Datasheet
433Kb / 9P
   SMD Power Inductors
More results

Similar Description - SPS252010U1R5Y

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com