Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3166160AT-50 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3166160AT-50
Description  4M x 16-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3166160AT-50 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3166160AT-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3166160AT-50 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Semiconductor Group
9
HYB3164(5/6)160AT(L)-40/-50/-60
4M x 16-DRAM
DC-Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol
refresh version
Unit Note
2k
4k
8k
Operating Current
-40 ns version
-50 ns version
-60 ns version
(RAS, CAS, address cycling: tRC = tRC min.)
I
CC1
250
210
170
155
130
105
110
90
75
mA
mA
mA
2) 3) 4)
Standby Current
(RAS=CAS=Vih)
I
CC2
2
22mA
RASOnly Refresh Current:
-
-40 ns version
-50ns version
-60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
I
CC3
250
210
170
155
130
105
110
90
75
mA
mA
mA
2) 4)
Fast Page Mode Current:
-40 ns version
-50 ns version
-60 ns version
(RAS = VIL, CAS, address cycling: tPC=tPC min.)
I
CC4
70
60
50
70
60
50
70
60
50
mA
mA
mA
2) 3) 4)
Standby Current
(RAS=CAS= Vcc-0.2V)
I
CC5
900
900
900
µA–
Standby Current (L-Version)
(RAS=CAS= Vcc-0.2V)
I
CC5
200
200
200
µA–
CAS Before RAS Refresh Current
-40 ns version
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
250
210
170
155
130
105
155
130
105
mA
mA
mA
2) 4)
Self Refresh Current (L-version only)
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
400
400
400
µA


Similar Part No. - HYB3166160AT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3166165AT-40 SIEMENS-HYB3166165AT-40 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165AT-50 SIEMENS-HYB3166165AT-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165AT-60 SIEMENS-HYB3166165AT-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165ATL-50 SIEMENS-HYB3166165ATL-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3166165ATL-60 SIEMENS-HYB3166165ATL-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3166160AT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com