Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164405T-50 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3164405T-50
Description  16M x 4-Bit Dynamic RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405T-50 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3164405T-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3164405T-50 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Semiconductor Group
98
HYB3164(5)405J/T(L)-50/-60
16M x 4-DRAM
CAS to output in low-Z
tCLZ
0–0–
ns
8
Output buffer turn-off delay
tOFF
0
13
0
15
ns
12
Output buffer turn-off delay from OE
tOEZ
0
13
0
15
ns
12
Data to CAS low delay
tDZC
0–0–
ns
13
Data to OE low delay
tDZO
0–0–
ns
13
CAS high to data delay
tCDD
13
15
ns
14
OE high to data delay
tODD
13
15
ns
14
Write Cycle
Write command hold time
tWCH
8–10
ns
Write command pulse width
tWP
7–10
ns
Write command setup time
tWCS
0–0–
ns
15
Write command to RAS lead time
tRWL
8–10
ns
Write command to CAS lead time
tCWL
8–10
ns
Data setup time
tDS
0–0–
ns
16
Data hold time
tDH
7
10
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
111
135
ns
RAS to WE delay time
tRWD
67
79
ns
15
CAS to WE delay time
tCWD
30
34
ns
15
Column address to WE delay time
tAWD
42
49
ns
15
OE command hold time
tOEH
7–10
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time
tHPC
20
25
ns
CAS precharge time
tCP
8–10
ns
Access time from CAS precharge
tCPA
27
35
ns
7
Output data hold time
tCOH
5–5–
ns
RAS pulse width in hyper page mode
tRAS
50
200k
60
200k
ns
AC Characteristics (cont’d) 5)6)
T
A = 0 to 70 ˚C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.


Similar Part No. - HYB3164405T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-40 SIEMENS-HYB3164405AJ-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-50 SIEMENS-HYB3164405AJ-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-60 SIEMENS-HYB3164405AJ-60 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AT-40 SIEMENS-HYB3164405AT-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com