Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S4DPE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK60S4DPE
Description  600V - 16A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S4DPE Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK60S4DPE Datasheet HTML 1Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 2Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 3Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 4Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 5Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 6Page - Renesas Technology Corp RJK60S4DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK60S4DPE
Preliminary
R07DS0733EJ0100 Rev.1.00
Page 6 of 6
Apr 23, 2012
Package Dimension
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
SC-83
1.30g
MASS[Typ.]
LDPAK(S)-(1) / LDPAK(S)-(1)V
PRSS0004AE-B
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
Package Name
LDPAK(S)-(1)
Ordering Information
Orderable Part No.
Quantity
Shipping Container
RJK60S4DPE-00#J3
1000 pcs
Taping


Similar Part No. - RJK60S4DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S4DPP-E0 RENESAS-RJK60S4DPP-E0 Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
RJK60S4DPP-E0-T2 RENESAS-RJK60S4DPP-E0-T2 Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S4DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S4DPP-E0 RENESAS-RJK60S4DPP-E0 Datasheet
88Kb / 7P
   600V - 16A - SJ MOS FET High Speed Power Switching
RJK6014DPP-E0 RENESAS-RJK6014DPP-E0_15 Datasheet
90Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
RJK6014DPP-A0 RENESAS-RJK6014DPP-A0 Datasheet
173Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6014DPP-E0 RENESAS-RJK6014DPP-E0 Datasheet
90Kb / 7P
   600V - 16A - MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com