Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D7DPQ-E0-T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60D7DPQ-E0-T2
Description  600V - 50A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D7DPQ-E0-T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60D7DPQ-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 8Page - Renesas Technology Corp RJH60D7DPQ-E0-T2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RJH60D7DPQ-E0
Preliminary
R07DS0740EJ0100 Rev.1.00
Page 2 of 9
Apr 19, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to emitter breakdown
voltage
VBR(CES)
600
V
IC =10 A, VGE = 0
Zero gate voltage collector current
/ Diode reverse current
ICES / IR
5
A
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4.0
6.0
V
VCE = 10 V, IC = 1 mA
VCE(sat)
1.6
2.2
V
IC = 50 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.8
V
IC = 90 A, VGE = 15 V
Note3
Input capacitance
Cies
3000
pF
Output capacitance
Coes
160
pF
Reveres transfer capacitance
Cres
85
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
130
nC
Gate to emitter charge
Qge
20
nC
Gate to collector charge
Qgc
45
nC
VGE = 15 V
VCE = 300 V
IC = 50 A
Turn-on delay time
td(on)
60
ns
Rise time
tr
46
ns
Turn-off delay time
td(off)
190
ns
Fall time
tf
50
ns
Turn-on energy
Eon
1.1
mJ
Turn-off energy
Eoff
0.6
mJ
Total switching energy
Etotal
1.7
mJ
VCC = 300 V
VGE = 15 V
IC = 50 A
Rg = 5

(Inductive load)
Short circuit withstand time
tsc
3.0
5.0
s
VCC  360 V, VGE = 15 V
FRD forward voltage
VF
1.4
2.0
V
IF = 50 A
Note3
FRD reverse recovery time
trr
100
ns
FRD reverse recovery charge
Qrr
0.4
C
FRD peak reverse recovery current
Irr
6.5
A
IF = 50 A
diF/dt = 100 A/s
Notes: 3. Pulse test


Similar Part No. - RJH60D7DPQ-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0_15 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
More results

Similar Description - RJH60D7DPQ-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60M7DPQ-E0 RENESAS-RJH60M7DPQ-E0 Datasheet
247Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M7DPQ-E0 RENESAS-RJH60M7DPQ-E0_15 Datasheet
247Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0 Datasheet
333Kb / 10P
   600V - 50A - IGBT Application: Inverter
Jul 20, 2016
RJH60D7DPM RENESAS-RJH60D7DPM_15 Datasheet
110Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_15 Datasheet
126Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7DPK RENESAS-RJH60D7DPK_15 Datasheet
107Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0_15 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7ADPK RENESAS-RJH60D7ADPK_15 Datasheet
114Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJP65M04DWA RENESAS-RJP65M04DWA Datasheet
146Kb / 4P
   650V - 50A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S04DWT RENESAS-RJP65S04DWT Datasheet
62Kb / 4P
   650V - 50A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com