Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164405BJ-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3164405BJ-60
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405BJ-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3164405BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164405BJ-60 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Semiconductor Group
8
HYB3164(5)405BJ/BT(L)-40/-50/-60
16M x 4-DRAM
DC-Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol refresh
version Unit Note
4k row
8k row
Operating Current
-40 ns version
-50 ns version
-
-60 ns version
(RAS, CAS, address cycling: tRC = tRC min.)
I
CC1
135
110
90
85
70
60
mA
mA
mA
2) 3) 4)
Standby Current (RAS=CAS= Vih)
I
CC2
22
mA
RASOnlyRefresh Current:
-
- 40 ns version
-50 ns version
-60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
I
CC3
135
110
90
85
70
60
mA
mA
mA
2) 4)
Hyper Page Mode (EDO) Current:
-40 ns version
-50 ns version
-60 ns version
(RAS = VIL, CAS, address cycling: tHPC=tHPC min.)
I
CC4
100
65
45
100
65
45
mA
mA
2) 3) 4)
Standby Current
(RAS=CAS= Vcc-0.2V)
I
CC5
11
mA
Standby Current (L-Version)
(RAS=CAS= Vcc-0.2V)
I
CC5
200
200
µA–
CAS Before RAS Refresh Current
- 40 ns version
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
135
110
90
85
70
60
mA
mA
2) 4)
Self Refresh Current (L-version only)
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
400
400
µA
Capacitance
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,A12)
C
I1
–5
pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7
pF
I/O capacitance (I/O1-I/O4)
C
IO
–7
pF


Similar Part No. - HYB3164405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-40 SIEMENS-HYB3164405AJ-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-50 SIEMENS-HYB3164405AJ-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-60 SIEMENS-HYB3164405AJ-60 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AT-40 SIEMENS-HYB3164405AT-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com