Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D0DPQ-E0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH60D0DPQ-E0
Description  600V - 22A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D0DPQ-E0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH60D0DPQ-E0 Datasheet HTML 1Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 2Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 3Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 4Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 5Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 6Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 7Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 8Page - Renesas Technology Corp RJH60D0DPQ-E0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RJH60D0DPQ-E0
Preliminary
R07DS0737EJ0100 Rev.1.00
Page 4 of 9
Apr 19, 2012
10
8
6
4
2
0
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
Gate to Emitter Cutoff Voltage
vs. Case Temparature (Typical)
−25
025
75
125
50
100
150
VCE = 10 V
Pulse Test
Case Temparature Tc (°C)
1 mA
IC = 10 mA
Gate to Emitter Voltage VGE (V)
1
3
2
4
5
1
3
2
4
5
48
12
20
16
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Tc = 25°C
Pulse Test
48
12
20
16
Tc = 150°C
Pulse Test
IC = 22 A
45 A
IC = 22 A
45 A
0
48
12
20
16
0
80
60
40
20
Tc= 25°C
150°C
VCE = 10 V
Pulse Test
Collector to Emitter Saturation Voltage
vs. Case Temparature (Typical)
−25
025
75
125
50
100
150
Case Temparature Tc (°C)
1.0
1.4
1.2
1.6
2.2
2.0
1.8
2.4
22 A
11 A
IC = 45 A
VGE = 15 V
Pulse Test
20
16
12
8
4
0
Frequency Characteristics (Typical)
Frequency f (kHz)
1
100
10
1000
Tj = 125°C, Tc = 90°C, VCE = 400 V
VGE = 15 V, Rg = 5 Ω, duty = 50%
0
Collector current wave
(Square wave)


Similar Part No. - RJH60D0DPQ-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPQ-A0 RENESAS-RJH60D0DPQ-A0 Datasheet
91Kb / 8P
   600 V - 22 A - IGBT Application: Inverter
More results

Similar Description - RJH60D0DPQ-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0_15 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM Datasheet
91Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com