Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165165T-50 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3165165T-50
Description  4M x 16-Bit Dynamic RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165165T-50 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3165165T-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165165T-50 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Semiconductor Group
38
HYB3164(5)165T(L)-50/-60
4M x 16 EDO-DRAM
Average Vcc supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
I
CC3
110 (140)
100 (120)
mA
mA
2) 4)
Average Vcc supply current,
Hyper page mode (EDO):
-50 ns version
-60 ns version
(RAS = VIL, CAS, address cycling: tHPC=tHPC min.)
I
CC4
115 (150)
100 (120)
mA
mA
2) 3) 4)
Standby Vcc supply current
(RAS=CAS= Vcc-0.2V)
I
CC5
200
A
Average Vcc supply current, during CAS-before-
RAS refresh mode:
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
110 (140)
100 (120)
mA
mA
2) 4)
Self Refresh Current (L-version only)
Average Power Supply Current during Self Refresh.
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
400
A
Capacitance
T
A = 0 to 70 ˚C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,A12)
C
I1
–5pF
Input capacitance (RAS, CAS, WRITE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O16)
C
IO
–7pF
DC Characteristics (cont’d)
T
A = 0 to 70 ˚C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, (values in brackets for HYB 3165165J/T)
Parameter
Symbol
Limit Values
Unit Note
min.
max.


Similar Part No. - HYB3165165T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165165AT-40 SIEMENS-HYB3165165AT-40 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3165165AT-50 SIEMENS-HYB3165165AT-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3165165AT-60 SIEMENS-HYB3165165AT-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3165165ATL-50 SIEMENS-HYB3165165ATL-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3165165ATL-60 SIEMENS-HYB3165165ATL-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3165165T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com