Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ18TWAQEP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKZ18TWAQEP
Description  Silicon Planar Zener Diode for Bi-directional Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ18TWAQEP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ18TWAQEP Datasheet HTML 1Page - Renesas Technology Corp RKZ18TWAQEP Datasheet HTML 2Page - Renesas Technology Corp RKZ18TWAQEP Datasheet HTML 3Page - Renesas Technology Corp RKZ18TWAQEP Datasheet HTML 4Page - Renesas Technology Corp RKZ18TWAQEP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKZ18TWAQE
Preliminary
R07DS0171EJ0100 Rev.1.00
Page 2 of 4
Sep 21, 2010
Absolute Maximum Ratings
(Ta = 25
C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
200
mW
Junction temperature
Tj
150
C
Storage temperature
Tstg
–55 to +150
C
Note:
Sum for total number of packages. See Fig.2.
Electrical Characteristics *
1
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
VZ
16.2
19.5
V
IZ = 1 mA, 40 ms pulse
Reverse current
IR
0.1
A
VR = 13 V
Capacitance
C
30
pF
VR = 0 V, f = 1 MHz
ESD-Capability *
2
30
kV
C = 150 pF, R = 330
, Both forward
and reverse direction 10 pulse
Notes: 1. Per one device
2. Failure criterion ; IR > 0.1 A at VR = 13 V. (Both direction)


Similar Part No. - RKZ18TWAQEP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ18TKG RENESAS-RKZ18TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TKGP RENESAS-RKZ18TKGP Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
More results

Similar Description - RKZ18TWAQEP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ7.5TKP RENESAS-RKZ7.5TKP Datasheet
68Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ16TKG RENESAS-RKZ16TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ9.0TKP RENESAS-RKZ9.0TKP Datasheet
70Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ16TWAQE RENESAS-RKZ16TWAQE Datasheet
55Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TKG RENESAS-RKZ18TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ7.5TKL RENESAS-RKZ7.5TKL Datasheet
67Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com