Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ16TWAQEP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKZ16TWAQEP
Description  Silicon Planar Zener Diode for Bi-directional Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ16TWAQEP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKZ16TWAQEP Datasheet HTML 1Page - Renesas Technology Corp RKZ16TWAQEP Datasheet HTML 2Page - Renesas Technology Corp RKZ16TWAQEP Datasheet HTML 3Page - Renesas Technology Corp RKZ16TWAQEP Datasheet HTML 4Page - Renesas Technology Corp RKZ16TWAQEP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RKZ16TWAQE
Preliminary
R07DS0170EJ0100 Rev.1.00
Page 4 of 4
Sep 21, 2010
Package Dimensions
Pattern of terminal position areas
e
e1
l1
b2
D
AA
b
E
HE
e
A2
A
A1
Q
c
L
A
0.8
-
1.1
A1
0
-
0.1
A2
0.8
0.9
1.0
b
0.25
0.3
0.4
c
0.1
0.16
0.26
D1.8
2.0
2.2
E
1.15
1.25
1.35
-
0.65
-
e
HE
1.8
2.1
2.4
L
0.425
--
b2
--
0.45
-1.5
-
e1
l1
-
-
0.9
Q
-
0.2
-
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-70
0.006g
MASS[Typ.]
CMPAK / CMPAKV
PTSP0003ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
c
A — A Section
Package Name
CMPAK


Similar Part No. - RKZ16TWAQEP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ16TKG RENESAS-RKZ16TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ16TKGP RENESAS-RKZ16TKGP Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
More results

Similar Description - RKZ16TWAQEP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ7.5TKP RENESAS-RKZ7.5TKP Datasheet
68Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ16TKG RENESAS-RKZ16TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TWAQE RENESAS-RKZ18TWAQE Datasheet
55Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ9.0TKP RENESAS-RKZ9.0TKP Datasheet
70Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ18TKG RENESAS-RKZ18TKG Datasheet
51Kb / 5P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ7.5TKL RENESAS-RKZ7.5TKL Datasheet
67Kb / 7P
   Silicon Planar Zener Diode for Bi-directional Surge Absorption
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com