Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMIHSH105L394 Datasheet(PDF) 2 Page - Tyco Electronics

Part # OMIHSH105L394
Description  16A Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OMIHSH105L394 Datasheet(HTML) 2 Page - Tyco Electronics

  OMIHSH105L394 Datasheet HTML 1Page - Tyco Electronics OMIHSH105L394 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
459
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMIH -SH
-1
24
L
,294
1. Basic Series:
OMI = 10A rating
OMIH = 16A rating
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Suffix:
,300 = Standard model for "SS" enclosure
,394 = Standard model for "SH" enclosure
Other Suffix = Custom model
.024
c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.138
(3.5)
.039
(1.0)
.039
(1.0)
.02
(.5)
1.15
± .02
(29.2
± .5)
.650
(16.5)
.144
(3.65)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.138
(3.5)
.012
(.3)
.138
± .004
(3.5
± .1)
2 – .047 DIA
(1.2)
.650
± .004
(16.5
± .1)
.30
± .004
(7.6
± .1)
.138
± .004
(3.5
± .1)
3 – .059 DIA
(1.5)
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
0.8
1.4
100
Contact Current (A)
10
1
0
2
46
8
10 12
14
16 18
20
OMIH type
240VAC, 24VDC Resistive
OMI type
250VAC, 30VDC Resistive
OMIH-SH-105D,394
OMIH-SH-112D,394
OMIH-SH-124D,394
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMIH-SH-105L,394
OMIH-SH-112L,394
OMIH-SH-124L,394


Similar Part No. - OMIHSH105L394

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-105DM MACOM-OMIH-SH-105DM Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-105L MACOM-OMIH-SH-105L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-105LM MACOM-OMIH-SH-105LM Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-106D MACOM-OMIH-SH-106D Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
More results

Similar Description - OMIHSH105L394

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-4 MACOM-2-1440002-4 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com