Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D5DPK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJH60D5DPK
Description  Silicon N Channel IGBT Application: Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D5DPK Datasheet(HTML) 7 Page - Renesas Technology Corp

  RJH60D5DPK_10 Datasheet HTML 1Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 2Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 3Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 4Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 5Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 6Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 7Page - Renesas Technology Corp RJH60D5DPK_10 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RJH60D5DPK
Preliminary
R07DS0163EJ0300 Rev.3.00
Page 7 of 7
Nov 16, 2010
Package Dimension
φ3.2 ± 0.2
4.8 ± 0.2
1.5
2.8
0.6 ± 0.2
1.0 ± 0.2
15.6 ± 0.3
1.6
1.4 Max
2.0
3.6
0.9
1.0
5.45 ± 0.5
5.45 ± 0.5
Previous Code
PRSS0004ZE-A
TO-3P / TO-3PV
MASS[Typ.]
5.0g
Package Name
TO-3P
SC-65
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJH60D5DPK-00-T0
360 pcs
Box (Tube)


Similar Part No. - RJH60D5DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D5DPK RENESAS-RJH60D5DPK_15 Datasheet
107Kb / 10P
   600V - 37A - IGBT Application: Inverter
More results

Similar Description - RJH60D5DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK_10 Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com