Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV0816ASD-7SI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1LV0816ASD-7SI
Description  8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0816ASD-7SI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1LV0816ASD-7SI Datasheet HTML 7Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 8Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 9Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 10Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 11Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 12Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 13Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 14Page - Renesas Technology Corp R1LV0816ASD-7SI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
R1LV0816ASD –5SI, 7SI
Preliminary
REJ03C0397-0001 Rev.0.01
2009.12.08
Page 9 of 16
Write Cycle
R1LV0816ASD-5SI
(Note 0)
R1LV0816ASD-7SI
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write cycle time
tWC
55
-
70
-
ns
Address valid to end of write
tAW
50
-
65
-
ns
Chip select to end of write
tCW
50
-
65
-
ns
5
Write pulse width
tWP
40
-
55
-
ns
4
LB#, UB# valid to end of write
tBW
50
-
65
-
ns
Address setup time
tAS
0
-
0
-
ns
6
Write recovery time
tWR
0
-
0
-
ns
7
Data to write time overlap
tDW
25
-
35
-
ns
Data hold from write time
tDH
0
-
0
-
ns
Output enable from end of write
tOW
5
-
5
-
ns
2
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2
Write to output in high-Z
tWHZ
0
20
0
25
ns
1,2
Note 0. If Vcc is 2.4-2.7V, parameters of R1LV0816ASA-7SI and R1LV0816ASD-7SI7SI are applied.
1. tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. Typical parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, tHZ max is less than tLZ min both for given device and
from device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or low UB#.
A write begins at the latest transitions among CS1# going low, CS2 going high, WE# going low and LB#
going low or UB# going low.
A write ends at the earliest transitions among CS1# going high, CS2 going low, WE# going high and LB#
going high or UB# going high. tWP is measured from the beginning of write to the end of write.
5. tCW is measured from the later of CS1# going low or CS2 going high to the end of write.
6. tAS is measured the address valid to the beginning of write.
7. tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle


Similar Part No. - R1LV0816ASD-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASD-7SI RENESAS-R1LV0816ASD-7SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results

Similar Description - R1LV0816ASD-7SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
   8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
   8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASB RENESAS-R1LV0816ASB Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
2009.12.07
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
RMLV0816BGBG-4S2 RENESAS-RMLV0816BGBG-4S2 Datasheet
340Kb / 15P
   8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSB-4S2 RENESAS-RMLV0816BGSB-4S2 Datasheet
330Kb / 14P
   8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com