Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00I Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R1EX25008ASA00I
Description  Serial Peripheral Interface 8k EEPROM (1024-word8-bit) 16k EEPROM (2048-word8-bit) Electrically Erasable and Programmable Read Only Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00I Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R1EX25008ASA00I Datasheet HTML 15Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 16Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 17Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 18Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 19Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 20Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 21Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 22Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
R1EX25008Axx00I/R1EX25016Axx00I
Data Protect
The protection features of the device are summarized in the following table. When the Status Register Write Disable
(SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register provided
that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless
weather write protect (W) is driven high or low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered,
depending on the state of write protect (W):
 If write protect (W) is driven high, it is possible to write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction.
 If write protect (W) is driven low, it is not possible to write to the Status Register even if the Write Enable Latch
(WEL) bit has previously been set by a Write Enable (WREN) instruction. (Attempts to write to the Status
Register are rejected, and are not accepted for execution). As a consequence, all the data bytes in the memory
area that are software protected (SPM) by the Block Protect (BP1, BP0) bits of the Status Register, are also
hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered:
 By setting the Status Register Write Disable (SRWD) bit after driving write protect (W) low.
 By driving write protect (W) low after setting the Status Register Write Disable (SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull write protect (W) high.
If write protect (W) is permanently tied high, the Hardware Protected Mode (HPM) can never be activated, and only the
Software Protected Mode (SPM), using the Block Protect (BP1, BP0) bits of the Status Register, can be used.
Write Protected Block Size
Status register bits
Array addresses protected
BP1
BP0
Protected blocks
R1EX25016A
R1EX25008A
0
0
None
None
None
0
1
Upper quarter
600h − 7FFh
300h − 3FFh
1
0
Upper half
400h − 7FFh
200h − 3FFh
1
1
Whole memory
000h − 7FFh
000h − 3FFh
Protection Modes
Memory protect
signal
SRWD bit
Mode
Write protection of the
status register
Protected area*
1
Unprotected area*
1
1
0
Software
protected (SPM)
Status register is writable
(if the WREN) instruction
has set the WEL bit).
The values in the BP1
and BP0 bits can be
changed.
Write protected
Ready to accept Write
instructions
0
0
1
1
0
1
Hardware
protected (HPM)
Status register is
hardware write
protected. The values in
the BP1 and BP0 bits
cannot be changed.
Write protected
Ready to accept Write
instructions
Note:
1. As defined by the values in the Block Protected (BP1, BP0) bits of the Status Register, as shown in the
former table.
REJ03C0396-0100 Rev.1.00 Nov.24.2009
Page 17 of 20


Similar Part No. - R1EX25008ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I#S0 RENESAS-R1EX25008ASA00I#S0 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
More results

Similar Description - R1EX25008ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A_15 Datasheet
610Kb / 24P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25512I RENESAS-HN58X25512I Datasheet
576Kb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com