Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1EX25008ASA00I
Description  Serial Peripheral Interface 8k EEPROM (1024-word8-bit) 16k EEPROM (2048-word8-bit) Electrically Erasable and Programmable Read Only Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00I Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1EX25008ASA00I Datasheet HTML 1Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 2Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 3Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 4Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
R1EX25008Axx00I/R1EX25016Axx00I
Block Diagram
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
S
W
C
HOLD
D
Q
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
−0.6 to + 7.0
V
Input voltage relative to VSS
VIN
−0.5*
2 to +7.0*3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
2. VIN (min): −3.0 V for pulse width ≤ 50 ns.
3. Should not exceed VCC + 1.0 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input voltage
VIH
VCC × 0.7
VCC + 0.5*
2
V
VIL
−0.3*
1
VCC × 0.3
V
Operating temperature range
Topr
−40
+85
°C
Notes: 1. VIN (min): −1.0 V for pulse width ≤ 50 ns.
2. VIN (max): VCC + 1.0 V for pulse width ≤ 50 ns.
Capacitance (Ta = +25°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Input capacitance (D,C, S , W, HOLD )
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (Q)
CI/O*
1
8.0
pF
Vout = 0 V
Note:
1. Not 100% tested.
Memory cell characteristics (VCC = 1.8 V to 5.5 V)
Ta=25°C
Ta=85°C
Notes
Endurance
1,000k Cycles min.
100k Cycles min.
1
Data retention
100 Years min.
10 Years min.
1
Notes: 1. Not 100% tested
REJ03C0396-0100 Rev.1.00 Nov.24.2009
Page 3 of 20


Similar Part No. - R1EX25008ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I#S0 RENESAS-R1EX25008ASA00I#S0 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
More results

Similar Description - R1EX25008ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A_15 Datasheet
610Kb / 24P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25512I RENESAS-HN58X25512I Datasheet
576Kb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com