Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24512BTAS0I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1EX24512BTAS0I
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BTAS0I Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1EX24512BTAS0I Datasheet HTML 1Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 2Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
−0.6 to +7.0
V
Input voltage relative to VSS
Vin
−0.3 to VCC +0.3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input high voltage
VIH
VCC
× 0.7
VCC + 0.3
V
Input low voltage
VIL
−0.3
VCC
× 0.3
V
Operating temperature
Topr
−40
+85
°C
DC Characteristics
(Ta =
−40 to +85°C, VCC = 1.8 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
2.0
µA
VCC = 5.5 V, Vin = 0 to 5.5 V
Output leakage current
ILO
2.0
µA
VCC = 5.5 V, Vout = 0 to 5.5 V
Standby VCC current
ISB
1.0
2.0
µA
Vin = VSS or VCC
Read VCC current
ICC1
1.0
mA
VCC = 5.5 V, Read at 400 kHz
Write VCC current
ICC2
5.0
mA
VCC = 5.5 V, Write at 400 kHz
Output low voltage
VOL2
0.4
V
VCC = 2.7 to 5.5 V, IOL = 3.0 mA
VOL1
0.2
V
VCC = 1.8 to 2.7 V, IOL = 1.5 mA
Capacitance
(Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance (A0 to A2, SCL, WP)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (SDA)
CI/O*
1
6.0
pF
Vout = 0 V
Note: 1. Not 100
% tested.
Memory cell characteristics
(VCC = 1.8 V to 5.5 V)
Ta=25
°C
Ta=85
°C
Notes
Endurance
1,000k Cycles min.
100k Cycles min.
1
Data retention
100 Years min.
10 Years min.
1
Notes: 1. Not 100
% tested.
R10DS0026EJ0001 Rev.0.01
Page 3 of 17
Sep, 03, 2010


Similar Part No. - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IS0 RENESAS-R1EX24512BTAS0IS0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IU0 RENESAS-R1EX24512BTAS0IU0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com