Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2815-4-V Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS2815-4-V
Description  LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2815-4-V Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS2815-4-V Datasheet HTML 4Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 5Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 6Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 7Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 8Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 9Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 10Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 11Page - Renesas Technology Corp PS2815-4-V Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet PN10256EJ04V0DS
6
PS2815-1,PS2815-4
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
140
100
120
40
60
80
20
25
50
75
100
125
0
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0
°C
–25
°C
–50
°C
+60
°C
+25
°C
TA = +100
°C
68
4
2
010
25
20
15
10
5
10 mA
5 mA
2 mA
1 mA
0.5 mA
–25
0
25
50
75
100
1
10
100
1 000
10 000
VCE = 20 V
40 V
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
2 mA
5 mA
10 mA
1 mA
IF = 0.5 mA
IF = 20 mA
80
40
60
20
0
25
50
75
100
0.7 mW/
°C
0.6 mW/
°C
PS2815-4
PS2815-1
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2815-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2815-4-V CEL-PS2815-4-V Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-4-V-A CEL-PS2815-4-V-A Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-4-V-F3 CEL-PS2815-4-V-F3 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-4-V-F3 RENESAS-PS2815-4-V-F3 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2815-4-V-F3-A CEL-PS2815-4-V-F3-A Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2815-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com