Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24512BTAS0A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX24512BTAS0A
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BTAS0A Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX24512BTAS0A Datasheet HTML 1Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 2Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BTAS0A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Preliminary Datasheet
R1EX24512BSAS0A
R1EX24512BTAS0A
R10DS0025EJ0001
Rev.0.01
Sep, 01, 2010
Two-wire serial interface
512k EEPROM (64-kword
× 8-bit)
Description
R1EX24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). They
realize high speed, low power consumption and a high level of reliability by employing advanced MONOS memory
technology and CMOS process and low voltage circuitry technology. They also have a 128-byte page programming
function to make their write operation faster.
Note: Renesas Electronics’ serial EEPROM are authorized for using consumer applications such as cellular phone,
camcorders, audio equipment. Therefore, please contact Renesas Electronics’ sales office before using
industrial applications such as automotive systems, embedded controllers, and meters.
Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I
2C serial bus)
• Clock frequency: 1 MHz (2.5 V to 5.5 V) / 400 kHz (1.8 V to 5.5 V)
• Power dissipation:
 Standby: 2 µA (max)
 Active (Read): 1 mA (max)
 Active (Write): 5 mA (max)
• Automatic page write: 128-byte/page
• Write cycle time: 5 ms
• Endurance: 1,000k Cycles @25°C
• Data retention: 100 Years @25°C
• Small size packages: SOP-8pin , TSSOP 8-pin
• Shipping tape and reel
 SOP 8-pin: 2,500 IC/reel
 TSSOP 8-pin: 3,000 IC/reel
• Temperature range: −40 to +85°C
• Lead free products.
Preliminary: The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Electronics’ Sales Dept. regarding specifications.
R10DS0025EJ0001 Rev.0.01
Page 1 of 17
Sep, 01, 2010


Similar Part No. - R1EX24512BTAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BTAS0G RENESAS-R1EX24512BTAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IS0 RENESAS-R1EX24512BTAS0IS0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IU0 RENESAS-R1EX24512BTAS0IU0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BTAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com