Electronic Components Datasheet Search |
|
HYB3164400J Datasheet(PDF) 7 Page - Siemens Semiconductor Group |
|
HYB3164400J Datasheet(HTML) 7 Page - Siemens Semiconductor Group |
7 / 28 page Semiconductor Group 67 HYB 3164(5)400J/T-50/-60 16M x 4-DRAM Absolute Maximum Ratings Operating temperature range..............................................................................................0 to 70 ˚C Storage temperature range.........................................................................................– 55 to 150 ˚C Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage....................................................................................................-0.5V to 4.6 V Power dissipation......................................................................................................................1.0 W Data out current (short circuit)..................................................................................................50 mA Note Stresses above those listed under „Absolute Maximum Ratings“ may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may effect device reliability. DC Characteristics T A = 0 to 70 ˚C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, (values in brackets for HYB 3165400J/T) Parameter Symbol Limit Values Unit Note min. max. Input high voltage V IH 2.0 Vcc+0.3 V 1) Input low voltage V IL – 0.3 0.8 V 1) Output high voltage (LVTTL) Output „H“ level voltage (Iout = -2mA) V OH 2.4 – V Output low voltage (LVTTL) Output „L“level voltage (Iout = +2mA) V OL – 0.4 V Output high voltage (LVCMOS) Output „H“ level voltage (Iout = -100uA) V OH Vcc-0.2 - V Ouput low voltage (LVCMOS) Output „L“ level voltage (Iout = +100uA) V OL - 0.2 V Input leakage current,any input (0 V < Vin < Vcc , all other pins = 0 V I I(L) – 2 2 µA Output leakage current (DO is disabled, 0 V < Vout < Vcc ) I O(L) – 2 2 µA Average Vcc supply current: -50 ns version -60 ns version (RAS, CAS, address cycling: tRC = tRC min.) I CC1 – – 110 (140) 100 (120) mA mA 2) 3) 4) Standby Vcc supply current (RAS=CAS= Vih) I CC2 – 2 mA – |
Similar Part No. - HYB3164400J |
|
Similar Description - HYB3164400J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |