Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164165T-60 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # HYB3164165T-60
Description  4M x 16-Bit Dynamic RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164165T-60 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  HYB3164165T-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164165T-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Semiconductor Group
34
HYB3164(5)165T(L)-50/-60
4M x 16 EDO-DRAM
TRUTH TABLE
FUNCTION
RAS LCAS UCA
S
WRIT
E
OE
ROW
ADD
COL
ADD
I/O1-
I/O16
Standby
H
H - X
H - X
X
X
X
X
High Impedance
Read:Word
L
L
H
H
L
ROW
COL
Data Out
Read:Lower Byte
L
L
H
H
L
ROW
COL
Lower Byte:Data Out
Upper-Byte:High-Z
Read:Upper Byte
L
H
L
H
L
ROW
COL
Lower Byte:High-Z
Upper Byte:Data Out
Write:Word
(Early-Write)
L
L
L
L
X
ROW
COL
Data In
Write:Lower Byte
(Early-Write)
L
L
H
L
X
ROW
COL
Lower Byte:Data Out
Upper-Byte:High-Z
Write:Upper Byte
(Early Write)
L
H
L
L
X
ROW
COL
Lower Byte:High-Z
Upper Byte:Data Out
Read-Modify-
Write
L
L
L
H - L
L - H ROW
COL
Data Out, Data In
Hyper Page Mode
Read (Word)
1st
Cycle
L
H - L
H - L
H
L
ROW
COL
Data Out
Hyper Page Mode
Read (Word)
2nd
Cycle
L
H - L
H - L
H
L
n/a
COL
Data Out
Hyper Page Mode
Early Write(Word)
1st
Cycle
L
H - L
H - L
L
X
ROW
COL
Data In
Hyper Page Mode
Early Write(Word)
2nd
Cycle
L
H - L
H - L
L
X
n/a
COL
Data In
Hyper Page Mode
RMW
1st
Cycle
L
H - L
H - L
H - L
L - H ROW
COL
Data Out, Data In
Hyper Page Mode
RMW
2st
Cycle
L
H - L
H - L
H - L
L - H n/a
COL
Data Out, Data In
RAS only refresh
L
H
H
X
X
ROW
n/a
High Impedance
CAS-before-RAS
refresh
H - L L
L
H
X
X
n/a
High Impedance
Test Mode Entry
H - L L
L
L
X
X
n/a
High Impedance
Hidden Refresh
(Read)
L-H-
L
L
L
H
L
ROW
COL
Data Out
Hidden Refresh
(Write)
L-H-
L
L
L
L
X
ROW
COL
Data In
Self Refresh
(L-version only)
H-L
L
H
X
X
X
X
High Impedance


Similar Part No. - HYB3164165T-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164165AT-40 SIEMENS-HYB3164165AT-40 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164165AT-50 SIEMENS-HYB3164165AT-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164165AT-60 SIEMENS-HYB3164165AT-60 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164165ATL-50 SIEMENS-HYB3164165ATL-50 Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3164165T-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com