Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116400BT-70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3116400BT-70
Description  3.3V 4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116400BT-70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3116400BT-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116400BT-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Semiconductor Group
2
HYB 3116(7)400BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
The HYB 3116(7)400BJ/BT is a 16MBit dynamic RAM organized as 4194304 words by 4-bits. The
HYB 3116(7)400BJ/BT utilizes a submicron CMOS silicon gate process technology, as well as
advanced circuit techniques to provide wide operating margins, both internally and for the system
user. Multiplexed address inputs permit the HYB 3116(7)400BJ/BT to be packaged in a standard
SOJ 26/24 300 mil or TSOPII-26/24 300 mil wide plastic package. These packages provide high
system bit densities and are compatible with commonly used automatic testing and insertion
equipment. System-oriented features include single + 3.3 V (± 0.3 V) power supply, direct
interfacing with high-performance logic device families.The HYB3116400BTL parts have a very low
power „sleep mode“ supported by Self Refresh.
Ordering Information
Type
Ordering Code
Package
Descriptions
HYB 3117400BJ-50
P-SOJ-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3117400BJ-60
P-SOJ-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3117400BJ-70
P-SOJ-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3117400BT-50
P-TSOPII-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3117400BT-60
P-TSOPII-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3117400BT-70
P-TSOPII-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116400BJ-50
P-SOJ-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3116400BJ-60
P-SOJ-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3116400BJ-70
P-SOJ-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116400BT-50
P-TSOPII-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3116400BT-60
P-TSOPII-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3116400BT-70
P-TSOPII-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116400BTL-50
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 50 ns)
HYB 3116400BTL-60
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 60 ns)
HYB 3116400BTL-70
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 70 ns)


Similar Part No. - HYB3116400BT-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BT-50 SIEMENS-HYB3116400BT-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BT-60 SIEMENS-HYB3116400BT-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116400BT-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com