Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3118160BST-70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB3118160BST-70
Description  1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3118160BST-70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB3118160BST-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3118160BST-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Semiconductor Group
1
1.96
1 048 576 words by 16-bit organization
0 to 70 °C operating temperature
Performance:
Single + 3.3 V (
± 0.3 V) supply
Low power dissipation
max. 720 active mW ( HYB3118160BSJ/BST-50)
max. 648 active mW ( HYB3118160BSJ/BST-60)
max. 576 active mW ( HYB3118160BSJ/BST-70)
max. 360 active mW ( HYB3116160BSJ/BST-50)
max. 324 active mW ( HYB3116160BSJ/BST-60)
max. 288 active mW ( HYB3116160BSJ/BST-70)
7.2 mW standby (LV-TTL)
3.6 mW standby (LV-CMOS)
720
µW standby for L-version
Output unlatched at cycle end allows two-dimensional chip selection
Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh,
self refresh
Fast page mode capability
2 CAS / 1 WE
All inputs, outputs and clocks fully LV-TTL-compatible
1024 refresh cycles / 16 ms for HYB 3118160BSJ
4096 refresh cycles / 64 ms for HYB 3116160BSJ
Plastic Package:
P-SOJ-42-1 400 mil
P-TSOPII-50/44-1 400mil
-50
-60
-70
tRAC
RAS access time
50
60
70
ns
tCAC
CAS access time
13
15
20
ns
tAA
Access time from address
25
30
35
ns
tRC
Read/Write cycle time
90
110
130
ns
tPC
Fast page mode cycle time
35
40
45
ns
1M x 16-Bit Dynamic RAM
(1k & 4k -Refresh)
Advanced Information
HYB3116160BSJ/BST(L)-50/-60/-70
HYB3118160BSJ/BST(L)-50/-60/-70


Similar Part No. - HYB3118160BST-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3118160BSJ-50 SIEMENS-HYB3118160BSJ-50 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3118160BSJ-60 SIEMENS-HYB3118160BSJ-60 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results

Similar Description - HYB3118160BST-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com