Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116405BJ-70 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3116405BJ-70
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BJ-70 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3116405BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Semiconductor Group
9
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
Output buffer turn-off delay
tOFF
013
0
15
017
ns
12
Output turn-off delay from OE
tOEZ
013
0
15
017
ns
12
Data to CAS low delay
tDZC
0–0
–0–
ns
13
Data to OE low delay
tDZO
0–0
–0–
ns
13
CAS high to data delay
tCDD
10
13
15
ns
14
OE high to data delay
tODD
10
13
15
ns
14
Write Cycle
Write command hold time
tWCH
8–10
10
ns
Write command pulse width
tWP
8–10
10
ns
Write command setup time
tWCS
0–0
–0–
ns
15
Write command to RAS lead time tRWL
13
15
17
ns
Write command to CAS lead time tCWL
13
15
17
ns
Data setup time
tDS
0–0
–0–
ns
16
Data hold time
tDH
8–10
12
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
113
138
162
ns
RAS to WE delay time
tRWD
64
77
89
ns
15
CAS to WE delay time
tCWD
27
32
36
ns
15
Column address to WE delay time tAWD
39
47
54
ns
15
OE command hold time
tOEH
10
13
15
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle
time
tHPC
20
25
30
ns
CAS precharge time
tCP
8–10
10
ns
Access time from CAS precharge
tCPA
–27
32
–37
ns
7
Output data hold time
tCOH
5–5
–5–
ns
RAS pulse width in EDO mode
tRAS
50
200k
60
200k
70
200k
ns
AC Characteristics (cont’d) 5)6)
16E
TA = 0 to 70 °C,VCC = 5 V
± 10 %, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJ-50 SIEMENS-HYB3116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116405BJ-60 SIEMENS-HYB3116405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com