Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8842-16MBL-EVAl Datasheet(PDF) 68 Page - Micrel Semiconductor

Part # KSZ8842-16MBL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MBL-EVAl Datasheet(HTML) 68 Page - Micrel Semiconductor

Back Button KSZ8842-16MBL-EVAl Datasheet HTML 64Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 65Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 66Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 67Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 68Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 69Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 70Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 71Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 72Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
68
M9999-102207-1.9
Bank 17 RX Frame Data Pointer Register (0x06): RXFDPR
The value of this register determines the address to be accessed within the RXQ frame buffer. When the Auto Increment
is set, it will automatically increment the RXQ Pointer on read accesses to the data register.
The counter is incremented is by one for every byte access, by two for every word access, and by four for every double
word access.
Bit
Default Value
R/W
Description
15
-
RO
Reserved
14
0x0
RW
RXFPAI RX Frame Pointer Auto Increment
When this bit is set, the RXQ Address register increments automatically on accesses
to the data register. The increment is by one for every byte access, by two for every
word access, and by four for every double word access.
When this bit is reset, the RX frame data pointer is manually controlled by user to
access the RX frame location.
13-11
-
RO
Reserved
10-0
0x0
RW
RXFP RX Frame Pointer
RX Frame data pointer index to the Data register for access.
This field reset to next available RX frame location when RX Frame release command
is issued (through the RXQ command register).
Bank 17 QMU Data Register Low (0x08): QDRL
This register QDRL(0x08-0x09) contains the Low data word presently addressed by the pointer register. Reading maps
from the RXQ, and writing maps to the TXQ.
Bit
Default Value
R/W
Description
15-0
-
RW
QDRL Queue Data Register Low
This register is mapped into two uni-directional buffers for 16-bit buses, and one uni-
directional buffer for 32-bit buses, (TXQ when Write, RXQ when Read) that allow
moving words to and from the KSZ8842M regardless of whether the pointer is even,
odd, or Dword aligned. Byte, word, and Dword access can be mixed on the fly in any
order. This register along with DQRH is mapped into two consecutive word locations
for 16-bit buses, or one word location for 32-bit buses, to facilitate Dword move
operations.
Bank 17 QMU Data Register High (0x0A): QDRH
This register QDRH(0x0A-0x0B) contains the High data word presently addressed by the pointer register. Reading maps
from the RXQ, and writing maps to the TXQ.
Bit
Default Value
R/W
Description
15-0
-
RW
QDRL Queue Data Register High
This register is mapped into two uni-directional buffers for 16-bit buses, and one uni-
directional buffer for 32-bit buses, (TXQ when Write, RXQ when Read) that allow
moving words to and from the KSZ8842M regardless of whether the pointer is even,
odd, or dword aligned. Byte, word, and Dword access can be mixed on the fly in any
order. This register along with DQRL is mapped into two consecutive word locations
for 16-bit buses, or one word location for 32-bit buses, to facilitate Dword move
operations.


Similar Part No. - KSZ8842-16MBL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MBL-EVAL MICREL-KSZ8842-16MBL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MBL-Eval MICREL-KSZ8842-16MBL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MBL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com