Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8842-16MBL-EVAl Datasheet(PDF) 64 Page - Micrel Semiconductor

Part # KSZ8842-16MBL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MBL-EVAl Datasheet(HTML) 64 Page - Micrel Semiconductor

Back Button KSZ8842-16MBL-EVAl Datasheet HTML 60Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 61Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 62Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 63Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 64Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 65Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 66Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 67Page - Micrel Semiconductor KSZ8842-16MBL-EVAl Datasheet HTML 68Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
64
M9999-102207-1.9
Bank 3 Memory BIST INFO Register (0x04): MBIR
Bit
Default Value
R/W
Description
15-13
0x0
RO
Reserved
12
-
RO
TXMBF TX Memory Bist Finish
When set, it indicates the Memory Built In Self Test completion for the TX Memory.
11
-
RO
TXMBFA TX Memory Bist Fail
When set, it indicates the Memory Built In Self Test has failed.
10-5
-
RO
Reserved
4
-
RO
RXMBF RX Memory Bist Finish
When set, it indicates the Memory Built In Self Test completion for the RX Memory.
3
-
RO
RXMBFA RX Memory Bist Fail
When set, it indicates the Memory Built In Self Test has failed.
2-0
-
RO
Reserved
Bank 3 Global Reset Register (0x06): GRR
This register controls the global reset function with information programmed by the CPU.
Bit
Default Value
R/W
Description
15-1
0x0000
RO
Reserved
0
0
RW
Global Soft Reset
1: software reset is active.
0: software reset is inactive.
Software reset will affect PHY, MAC, QMU, DMA, and the switch core, only the BIU
(base address registers) remains unaffected by a software reset.
Bank 3 Bus Configuration Register (0x08): BCFG
This register is a read-only register. The bit 0 is automatically downloaded from bit 0 Configparm word of EEPROM, if pin
EEEN is high (enabled EEPROM)
Bit
Default Value
R/W
Description
15-1
0x0000
RO
Reserved
0
-
RO
Bus Configuration (only for KSZ8842-16 device)
1: bus width is 16 bits.
0: bus width is 8 bits.
(this bit is only avaiable when EEPROM is enabled)
Banks 4 – 15: Reserved
Except Bank Select Register (0xE).


Similar Part No. - KSZ8842-16MBL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MBL-EVAL MICREL-KSZ8842-16MBL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MBL-Eval MICREL-KSZ8842-16MBL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MBL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com