Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8842-16MQL-EVAl Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # KSZ8842-16MQL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MQL-EVAl Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button KSZ8842-16MQL-EVAl Datasheet HTML 24Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 25Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 26Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 27Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 28Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 29Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 30Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 31Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
28
M9999-102207-1.9
Functional Description
The KSZ8842M contains two 10/100 physical layer transceivers (PHYs), two MAC units, and a DMA channel integrated
with a Layer-2 switch.
The KSZ8842M contains a bus interface unit (BIU), which controls the KSZ8842M via an 8, 16, or 32-bit host interface.
Physical signal transmission and reception are enhanced through the use of analog circuits in the PHY that make the
design more efficient and allow for low power consumption.
Functional Overview: Physical Layer Transceiver
100BASE-TX Transmit
The 100BASE-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-NRZI
conversion, and MLT3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125MHz serial bit
stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The serialized data is
further converted from NRZ-to-NRZI format, and then transmitted in MLT3 current output. The output current is set by an
external1% 3.01K
Ω resistor for the 1:1 transformer ratio.
The output signal has a typical rise/fall time of 4ns and complies with the ANSI TP-PMD standard regarding amplitude
balance, overshoot, and timing jitter. The wave-shaped 10BASE-T output is also incorporated into the 100BASE-TX
transmitter.
100BASE-TX Receive
The 100BASE-TX receiver function performs adaptive equalization, DC restoration, MLT3-to-NRZI conversion, data and
clock recovery, NRZI-to-NRZ conversion, de-scrambling, 4B/5B decoding, and serial-to-parallel conversion.
The receiving side starts with the equalization filter to compensate for inter-symbol interference (ISI) over the twisted pair
cable. Since the amplitude loss and phase distortion is a function of the cable length, the equalizer must adjust its
characteristics to optimize performance. In this design, the variable equalizer makes an initial estimation based on
comparisons of incoming signal strength against some known cable characteristics, and then tunes itself for optimization.
This is an ongoing process and self-adjusts against environmental changes such as temperature variations.
Next, the equalized signal goes through a DC restoration and data conversion block. The DC restoration circuit is used to
compensate for the effect of baseline wander and to improve the dynamic range. The differential data conversion circuit
converts the MLT3 format back to NRZI. The slicing threshold is also adaptive.
The clock recovery circuit extracts the 125MHz clock from the edges of the NRZI signal. This recovered clock is then used
to convert the NRZI signal into the NRZ format. This signal is sent through the de-scrambler followed by the 4B/5B
decoder. Finally, the NRZ serial data is converted to the MII format and provided as the input data to the MAC.
Scrambler/De-scrambler (100BASE-TX only)
The purpose of the scrambler is to spread the power spectrum of the signal to reduce electromagnetic interference (EMI)
and baseline wander. Transmitted data is scrambled through the use of an 11-bit wide linear feedback shift register
(LFSR). The scrambler generates a 2047-bit non-repetitive sequence, and the receiver then de-scrambles the incoming
data stream using the same sequence as at the transmitter.
10BASE-T Transmit
The 10BASE-T driver is incorporated with the 100BASE-TX driver to allow for transmission using the same magnetic.
They are internally wave-shaped and pre-emphasized into outputs with a typical 2.3V amplitude. The harmonic contents
are at least 27dB below the fundamental frequency when driven by an all-ones Manchester-encoded signal.
10BASE-T Receive
On the receive side, input buffers and level detecting squelch circuits are employed. A differential input receiver circuit and
a phase-locked loop (PLL) perform the decoding function. The Manchester-encoded data stream is separated into clock
signal and NRZ data. A squelch circuit rejects signals with levels less than 400mV or with short pulse widths to prevent
noise at the RXP-or-RXM input from falsely triggering the decoder. When the input exceeds the squelch limit, the PLL
locks onto the incoming signal and the KSZ8842M decodes a data frame. The receiver clock is maintained active during
idle periods in between data reception.


Similar Part No. - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-Eval MICREL-KSZ8842-16MQL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com