Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8842-16MQL-EVAl Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # KSZ8842-16MQL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MQL-EVAl Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button KSZ8842-16MQL-EVAl Datasheet HTML 10Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 11Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 12Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 13Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 14Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 15Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 16Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 17Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
14
M9999-102207-1.9
Pin Number
Pin Name
Type
Pin Function
12
BCLK
Ipd
Bus Interface Clock
Local bus clock for synchronous bus systems. Maximum frequency is 50MHz.
This pin should be tied Low or unconnected if it is in asynchronous mode.
13
NC
Ipu
No connect.
14
NC
Opu
No connect.
15
SRDYN
Opu
Synchronous Ready Not
Ready signal to interface with synchronous bus for both EISA-like and VLBus-
like extend accesses.
For VLBus-like mode, the falling edge of this signal indicates ready. This signal
is synchronous to the bus clock signal BCLK.
For burst mode (32-bit interface only), the KSZ8842M drives this pin low to
signal wait states.
16
INTRN
Opd
Interrupt
Active Low signal to host CPU to indicate an interrupt status bit is set, this pin
need an external 4.7K pull-up resistor.
17
LDEVN
Opd
Local Device Not
Active Low output signal, asserted when AEN is Low and A15-A4 decode to the
KSZ8842M address programmed into the high byte of the base address register.
LDEVN is a combinational decode of the Address and AEN signal.
18
RDN
Ipd
Read Strobe Not
Asynchronous read strobe, active Low.
19
EECS
Opu
EEPROM Chip Select
20
ARDY
Opd
Asynchronous Ready
ARDY may be used when interfacing asynchronous buses to extend bus access
cycles. It is asynchronous to the host CPU or bus clock. This pin need an
external 4.7K pull-up resistor.
21
CYCLEN
Ipd
Cycle Not
For VLBus-like mode cycle signal; this pin follows the addressing cycle to signal
the command cycle.
For burst mode (32-bit interface only), this pin stays High for read cycles and
Low for write cycles.
22
P2LED3
Opd
Port 2 LED indicator
See the description in pins 6, 7, and 8.
23
DGND
Gnd
Digital IO ground
24
VDDCO
P
1.2V digital core voltage output (internal 1.2V LDO power supply output), this
1.2V output pin provides power to VDDC, VDDA and VDDAP pins.
Note: Internally generated power voltage. Do not connect an external power
supply to this pin. This pin is used for connecting external filter (Ferrite bead and
capacitors). It is recommended this pin should be connected to 3.3V power rail
by a 100 ohm resistor for the internal LDO application.
25
VLBUSN
Ipd
VLBus-like Mode
Pull-down or float: Bus interface is configured for synchronous mode.
Pull-up: Bus interface is configured for 8-bit or 16-bit asynchronous mode or
EISA-like burst mode.
26
EEEN
Ipd
EEPROM Enable
EEPROM is enabled and connected when this pin is pull-up.
EEPROM is disabled when this pin is pull-down or no connect.


Similar Part No. - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-Eval MICREL-KSZ8842-16MQL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com