Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8842-16MQL-EVAl Datasheet(PDF) 87 Page - Micrel Semiconductor

Part # KSZ8842-16MQL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MQL-EVAl Datasheet(HTML) 87 Page - Micrel Semiconductor

Back Button KSZ8842-16MQL-EVAl Datasheet HTML 83Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 84Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 85Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 86Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 87Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 88Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 89Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 90Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 91Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
87
M9999-102207-1.9
Bank 42 Indirect Access Data Register 1 (0x02): IADR1
This register contains the indirect data for the switch function.
Bit
Default
R/W
Description
15-8
0x00
RO
Reserved
7
0
RO
CPU Read Status
Only for dynamic and statistics counter reads.
1 = read is still in progress.
0 = read has completed.
6-3
0x0
RO
Reserved
2-0
0x0
RO
Indirect Data
Bit 66-64 of indirect data.
Bank 42 Indirect Access Data Register 2 (0x04): IADR2
This register contains the indirect data for the switch function.
Bit
Default
R/W
Description
15-0
0x0000
RW
Indirect Data
Bit 47-32 of indirect data.
Bank 42 Indirect Access Data Register 3 (0x06): IADR3
This register contains the indirect data for the switch function.
Bit
Default
R/W
Description
15-0
0x0000
RW
Indirect Data
Bit 63-48 of indirect data.
Bank 42 Indirect Access Data Register 4 (0x08): IADR4
This register contains the indirect data for the switch function.
Bit
Default
R/W
Description
15-0
0x0000
RW
Indirect Data
Bit 15-0 of indirect data.
Bank 42 Indirect Access Data Register 5 (0x0A): IADR5
This register contains the indirect data for the switch function.
Bit
Default
R/W
Description
15-0
0x0000
RW
Indirect Data
Bit 31-16 of indirect data.
Bank 43: Reserved
Except Bank Select Register (0xE)


Similar Part No. - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-Eval MICREL-KSZ8842-16MQL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com