Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995M Datasheet(PDF) 59 Page - Micrel Semiconductor

Part # KS8995M
Description  Integrated 5-Port 10/100 Managed Switch
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995M Datasheet(HTML) 59 Page - Micrel Semiconductor

Back Button KS8995M Datasheet HTML 55Page - Micrel Semiconductor KS8995M Datasheet HTML 56Page - Micrel Semiconductor KS8995M Datasheet HTML 57Page - Micrel Semiconductor KS8995M Datasheet HTML 58Page - Micrel Semiconductor KS8995M Datasheet HTML 59Page - Micrel Semiconductor KS8995M Datasheet HTML 60Page - Micrel Semiconductor KS8995M Datasheet HTML 61Page - Micrel Semiconductor KS8995M Datasheet HTML 62Page - Micrel Semiconductor KS8995M Datasheet HTML 63Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
July 2006
59
M9999-070506
KS8995M
Micrel, Inc.
(2) MIB counter read (read port 2 rx 64 counter)
Write to reg110 with 0x1c
(read MIB counter selected)
Write to reg111 with 0x2e
(trigger the read operation )
Then
Read reg117 (counter value 31-24)
// If bit 31 = 1, there was a counter overflow.
// If bit 30 = 0, restart (reread) from this register.
Read reg118 (counter value 23-16)
Read reg119 (counter value 15-8)
Read reg120 (counter value 7-0)
(3) MIB counter read (read port 1 tx drop packets)
Write to reg 110 with 0x1d
Write to reg 111 with 0x00
Then
Read reg119 (counter value 15-8)
Read reg120 (counter value 7-0)
Note:
To read out all the counters, the best performance over the SPI bus is (160+3) × 8 × 200 = 260ms, where there are 160 register, 3 overhead, 8 clocks
per access, at 5MHz. In the heaviest condition, the byte counter will overflow in 2 minutes. It is recommended that the software read all the counters at
least every 30 seconds. The per port MIB counters are designed as “read clear.” A per port MIB counter will be cleared after it is accessed. All port
dropped packet MIB counters are not cleared after they are accessed. The application needs to keep track of overflow and valid conditions on these
counters.


Similar Part No. - KS8995M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS8995M ETC-KS8995M Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com