Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995M_0607 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # KS8995M_0607
Description  Integrated 5-Port 10/100 Managed Switch
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995M_0607 Datasheet(HTML) 3 Page - Micrel Semiconductor

  KS8995M_0607 Datasheet HTML 1Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 2Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 3Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 4Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 5Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 6Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 7Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 8Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
July 2006
3
M9999-070506
KS8995M
Micrel, Inc.
Revision History
Revision
Date
Summary of Changes
1.00
11/05/01
Created
1.01
11/09/01
Pinout Mux1/2, DVCC-IO 2.5/3.3V, feature list, register spec 11-09
1.02
12/03/01
Editorial changes, added new register and MIB descriptions. Added paragraph describing TOS registers.
Imported functional descriptions. Formatting.
1.03
12/12/01
Incorporate changes per engineering feedback as well as updating functional descriptions and adding
new timing information.
1.04
12/13/01
Changed Rev. and For. Modes to PHY and MAC modes respectively. Added MIIM clarification in “MII
Management Interface” section. Reformatted section sequence. Added hex register addresses. Added
advertisement ability descriptions.
1.05
12/18/01
Inserted switch forwarding flow charts.
1.06
12/20/01
Added new KS8995M block diagram, editorial changes, register descriptions changes and cross-
references from functional descriptions to register and strap in options.
1.07
1/22/01
Changed FXSD pins to inputs, added new descriptions to “Configuration Interfaces” section.
Edited pin descriptions.
1.08
3/1/02
Editorial changes in “Dynamic MAC Address table and “MIB Counters.” Updated figure 2 flowchart.
Updated table 2 for MAC mode connections. Separate static MAC bit assignments for read and write.
Edited read and write examples to MAC tables and MIB counters. Changed Table 3 KS8995M signals to
“S” suffix. Changed aging description in Register 2, bit 0. Changed “Port Registers” section and listed all
port register addresses. Changed port control 11 description for bits [7:5]. Changed MIB counter
descriptions.
1.09
5/17/02
Changed MII setting in “Pin Descriptions.” Changed pu/pd descriptions for SMRXD2. “Register 18,”
changed pu/pd description for forced flow control. “Illegal Frames. ” Edited large packet sizes back in.
“Elecrical Characteristics,” Added in typical supply current numbers for 100 BaseTX and 10 BaseTX
operation. “Register 18,” Added in note for illegal half-duplex, force flow control. “Pin Description,” Added
extra X1 clock input description. “Elecrical Characteristics,” Updated to chip only current numbers.
Added SPI Timing. Feature Highlights.
1.10
7/29/02
“Pin Description,” changed SMRXC and SMTXC to I/O. Input in MAC mode, output in PHY mode MII.
“Elecrical Characteristics,” modified current consumption to chip only numbers. “Half-Duplex Back
Pressure,” added description for no dropped packets in half-duplex mode. Added recommended
operating conditions. Added Idle mode current consumption in “Elecrical Characteristics,” added
“Selection of Isolation Transformers,” Added 3.01kΩ resistor instructions for ISET “Pin Description”
section. Changed Polarity of transmit pairs in “Pin Description.” Changed description for Register 2, bit 1,
in “Register Description” section. Added “Reset Timing” section.
1.11
12/17/02
“Register 3” changed 802.1x to 802.3x. “Register 6,” changed default column to disable flow control for
pull-down, and enable flow control for pull-up. “Register 29” and “Register 0” indicate loop back is at the
PHY. Added description to register 4 bit 2 to indicate that STPID packets from CPU to normal ports are
not allowed as 1522 byte tag packets. Fixed dynamic MAC address example errors in “Dynamic MAC
Address Table.” Changed definition of forced MDI, MDIX in section “Register 29,” “Register 30” and
“Register 0.” Added “Part Ordering Information.” Added Ambient operating temperature for KS8995MI
1.12
3/10/03
Changed pin 120 description to NC. Changed SPIQ pin description to Otri. Changed logo. Changed
contact information.
1.13
7/5/06
Add a note for VLAN table write, improve the timing diagram of MAC mode and PHY mode for MII
interface, change VDDIO support 3.3V only, update pin description for PCRS, PCOL, and so on.


Similar Part No. - KS8995M_0607

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995M_0607

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com