Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995M_0607 Datasheet(PDF) 48 Page - Micrel Semiconductor

Part # KS8995M_0607
Description  Integrated 5-Port 10/100 Managed Switch
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995M_0607 Datasheet(HTML) 48 Page - Micrel Semiconductor

Back Button KS8995M_0607 Datasheet HTML 44Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 45Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 46Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 47Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 48Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 49Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 50Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 51Page - Micrel Semiconductor KS8995M_0607 Datasheet HTML 52Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
KS8995M
Micrel, Inc.
M9999-070506
48
July 2006
Address
Name
Description
Mode
Default
3
High priority receive
1, flow control may be asserted if the port’s high
R/W
0
rate flow control enable
priority receive rate is exceeded. (To use this, differential
receive rate control must be on.)
0, flow control is not asserted if the port’s high
priority receive rate is exceeded.
2
Transmit differential
1, will do transmit rate control on both high and low
R/W
0
priority rate control
priority packets based on the rate counters defined by
the high and low priority packets respectively.
0, will do transmit rate control on any packets.
The rate counters defined in low priority will be used.
1
Low priority transmit
1, enable the port’s low priority transmit rate control
R/W
0
rate control enable
feature.
0, disable the port’s low priority transmit rate control
feature.
0
High priority transmit
1, enable the port’s high priority transmit rate control
R/W
0
rate control enable
feature.
0, disable the port’s high priority transmit rate control
feature.
Register 28 (0x1C): Port 1 Control 12
Register 44 (0x2C): Port 2 Control 12
Register 60 (0x3C): Port 3 Control 12
Register 76 (0x4C): Port 4 Control 12
Register 92 (0x5C): Port 5 Control 12
Note:
Port Control 12 and 13, and Port Status 0 contents can be accessed by MIIM (MDC/MDIO) interface via the standard MIIM register definition.
Address
Name
Description
Mode
Default
7
Disable auto-negotiation
1, disable auto-negotiation, speed and duplex are
R/W
0
decided by bit 6 and 5 of the same register.
0, auto-negotiation is on.
6
Forced speed
1, forced 100BT if AN is disabled (bit 7).
R/W
1
0, forced 10BT if AN is disabled (bit 7).
5
Forced duplex
1, forced full-duplex if (1) AN is disabled or (2) AN is
R/W
0
enabled but failed.
For port 4 only,
0, forced half-duplex if (1) AN is disabled or (2) AN is
there is a special
enabled but failed.
configure pin to set
the default,
Pin PCRS strap
option.
Pull-down (0):
Force half-duplex.
Pull-up (1):
Force full-duplex.
Note: PCRS has
internal pull down.
4
Advertised flow
1, advertise flow control capability.
R/W
1
control capability
0, suppress flow control capability from transmission
to link partner.
3
Advertised 100BT
1, advertise 100BT full-duplex capability.
R/W
1
full-duplex capability
0, suppress 100BT full-duplex capability from
transmission to link partner.
2
Advertised 100BT
1, advertise 100BT half-duplex capability.
R/W
1
half-duplex capability
0, suppress 100BT half-duplex capability from
transmission to link partner.
1
Advertised 10BT
1, advertise 10BT full-duplex capability.
R/W
0
full-duplex capability
0, suppress 10BT full-duplex capability from
transmission to link partner.


Similar Part No. - KS8995M_0607

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995M_0607

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com