Electronic Components Datasheet Search |
|
KS8995M_0607 Datasheet(PDF) 45 Page - Micrel Semiconductor |
|
KS8995M_0607 Datasheet(HTML) 45 Page - Micrel Semiconductor |
45 / 76 page July 2006 45 M9999-070506 KS8995M Micrel, Inc. Address Name Description Mode Default 5 Transmit sniff 1, All the packets transmitted on the port will be R/W 0 marked as “monitored packets” and forwarded to the designated “sniffer port.” 0, no transmit monitoring. 4-0 Port VLAN membership Define the port’s “Port VLAN membership.” Bit 4 stands R/W 0x1f for port 5, bit 3 for port 4... bit 0 for port 1. The Port can only communicate within the membership. A ‘1’ includes a port in the membership, a ‘0’ excludes a port from membership. Register 18 (0x12): Port 1 Control 2 Register 34 (0x22): Port 2 Control 2 Register 50 (0x32): Port 3 Control 2 Register 66 (0x42): Port 4 Control 2 Register 82 (0x52): Port 5 Control 2 Address Name Description Mode Default 7 Reserved Reserved 0x0 6 Ingress VLAN filtering 1, the switch will discard packets whose VID port R/W 0 membership in VLAN table bit[20:16] does not include the ingress port. 0, no ingress VLAN filtering. 5 Discard Non PVID packets 1, the switch will discard packets whose VID does R/W 0 not match ingress port default VID. 0, no packets will be discarded. 4 Force flow control 1, will always enable rx and tx flow control on the port, R/W 0 regardless of AN result. For port 4 only, 0, the flow control is enabled based on AN result. there is a special Note: Setting a port for both half-duplex and forced configuration pin flow control is an illegal configuration. For half-duplex to set the default, enable back pressure. Pin PCOL strap option. Pull-down (0): No Force flow control Pull-up (1): Force flow control. Note: PCOL has internal pull down. 3 Back pressure enable 1, enable port’s half-duplex back pressure. R/W Pin PMRXD2 strap 0, disable port’s half-duplex back pressure. option. Pull-down (0): disable back pressure. Pull-up (1): enable back pressure. Note: PMRXD2 has internal pull-down. 2 Transmit enable 1, enable packet transmission on the port. R/W 1 0, disable packet transmission on the port. 1 Receive enable 1, enable packet reception on the port. R/W 1 0, disable packet reception on the port. 0 Learning disable 1, disable switch address learning capability. R/W 0 0, enable switch address learning. Note: Bits 2-0 are used for spanning tree support. See “Spanning Tree Support” section. |
Similar Part No. - KS8995M_0607 |
|
Similar Description - KS8995M_0607 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |